Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK50H28PLCC52 Datasheet(PDF) 61 Page - STMicroelectronics

Part # MK50H28PLCC52
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28PLCC52 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button MK50H28PLCC52 Datasheet HTML 56Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 57Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 58Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 59Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 60Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 61Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 62Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 63Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
MK50H28 N 25 / XX
REVISION CODE
(Contact factory representative
for current revision)
SPEED SORT (25 = 25MHz SYSCLK)
N = Plastic DIP (48 Pins)
Q = Plastic J-Leaded Chip Carrier (52 Pins)
PART #
PROTOCOL
50H28 = Frame Relay
PACKAGE
ORDERING INFORMATION:
MK50H28
61/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com