Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM1RT0063 Datasheet(PDF) 1 Page - LOVATO Electric S.p.A.

Part # SM1RT0063
Description  MOTOR PROTECTION CIRCUIT BREAKER, TRANSFORMER PROTECTION, IEC BREAKING CAPACITY ICU 100KA AT 400V, 0.4...0.63A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

SM1RT0063 Datasheet(HTML) 1 Page - LOVATO Electric S.p.A.

  SM1RT0063 Datasheet HTML 1Page - LOVATO Electric S.p.A. SM1RT0063 Datasheet HTML 2Page - LOVATO Electric S.p.A. SM1RT0063 Datasheet HTML 3Page - LOVATO Electric S.p.A. SM1RT0063 Datasheet HTML 4Page - LOVATO Electric S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product designation
Motor protection
circuit breaker
Product type designation
SM1RT
Electrical features
Number of poles
Nr.
3
Magnetic protection
yes
Thermal protection
yes
Phase failure detection
yes
Rated insulation voltage Ui IEC/EN
V
690
Rated impulse withstand voltage Uimp
kV
6
Rated frequency
Hz
50/60
Thermal trip adjustment range
0.4…0.63
Rated current (In)
A
0.63
Magnetic tripping
20 x In
Power dissipation per pole
min
W
0.79
max
W
1.95
Operational short-circuit current breaking capacity (Ics) at AC
230V
kA
100
400V
kA
100
440V
kA
100
500V
kA
100
690V
kA
100
Maximum short-circuit current breaking capacity (Icu) at AC
230V
kA
100
400V
kA
100
440V
kA
100
500V
kA
100
690V
kA
100
Tripping class
10A
IEC Utilization category
A
Operations
Mechanical life
cycles
100000
Electrical life
cycles
100000
Mechanical features
Tightening torque for terminals
min
Nm
2.5
max
Nm
3
min
Ibin
22
max
Ibin
26.5
Max number of wires simultaneously connectable
Nr.
2
Conductor section
AWG/Kcmil
min
16
max
8
SM1RT0063
MOTOR PROTECTION CIRCUIT BREAKER, TRANSFORMER PROTECTION, IEC BREAKING
CAPACITY ICU 100KA AT 400V, 0.4...0.63A
SM1RT0063
The characteristics described in this document are subject to updates or modifications at any time. The descriptions, technical and
functional information, illustrations and instructions in this brochure are purely illustrative, and are consequently not contractually binding
1 / 4


Similar Part No. - SM1RT0063

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
SM1RT0016 LOVATO-SM1RT0016 Datasheet
262Kb / 4P
MOTOR PROTECTION CIRCUIT BREAKER, TRANSFORMER PROTECTION, IEC BREAKING CAPACITY ICU 100KA AT 400V, 0.1...0.16A
SM1RT0025 LOVATO-SM1RT0025 Datasheet
263Kb / 4P
MOTOR PROTECTION CIRCUIT BREAKER, TRANSFORMER PROTECTION, IEC BREAKING CAPACITY ICU 100KA AT 400V, 0.16...0.25A
SM1RT0040 LOVATO-SM1RT0040 Datasheet
263Kb / 4P
MOTOR PROTECTION CIRCUIT BREAKER, TRANSFORMER PROTECTION, IEC BREAKING CAPACITY ICU 100KA AT 400V, 0.25...0.4A
More results

Similar Description - SM1RT0063

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
ELD-3420 CITIZEN-ELD-3420 Datasheet
495Kb / 1P
Protection circuit at no load embedded,
ELD-3511 CITIZEN-ELD-3511 Datasheet
494Kb / 1P
Protection circuit at no load embedded,
logo
Schurter Inc.
0090.0001 SCHURTER-0090.0001 Datasheet
276Kb / 2P
Breaking capacity
609861 SCHURTER-609861 Datasheet
276Kb / 2P
Breaking capacity
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
Cooper Bussmann, Inc.
BK-GMT-X COOPER-BK-GMT-X Datasheet
85Kb / 2P
Medium time delay, low breaking capacity
logo
GREEGOO Electric Co.,Lt...
E3VU13 GREEGOO-E3VU13 Datasheet
1Mb / 10P
Motor protection circuit breaker
logo
Siemens Semiconductor G...
3VA5330-6EC31-0AA0 SIEMENS-3VA5330-6EC31-0AA0 Datasheet
666Kb / 6P
CIRCUIT BREAKER 3VA5 UL Frame 400 BREAKING CAPACITY CLASS H 65kA @ 480 V 3POLE, LINE PROTECTION TM230, FTAM, In=300A WITHOUT OVERLOAD PROTECTION IR=300A FIXED SHORT CIRCUIT PROTECTION Ii=5...10 x In W/O CONNECTION
04/26/2020
3VA1340-5EF32-0AA0 SIEMENS-3VA1340-5EF32-0AA0 Datasheet
873Kb / 7P
circuit breaker 3VA1 IEC frame 400 breaking capacity class M
04/08/2020
3VL3725-1DC36-0AA0 SIEMENS-3VL3725-1DC36-0AA0 Datasheet
223Kb / 5P
circuit breaker VL250N standard breaking capacity Icu=55kA, 415V AC 3-pole, line protection Electronic Trip Unit TM, LI In=250A
06/08/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com