Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM1RT0063 Datasheet(PDF) 2 Page - LOVATO Electric S.p.A.

Part # SM1RT0063
Description  MOTOR PROTECTION CIRCUIT BREAKER, TRANSFORMER PROTECTION, IEC BREAKING CAPACITY ICU 100KA AT 400V, 0.4...0.63A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

SM1RT0063 Datasheet(HTML) 2 Page - LOVATO Electric S.p.A.

  SM1RT0063 Datasheet HTML 1Page - LOVATO Electric S.p.A. SM1RT0063 Datasheet HTML 2Page - LOVATO Electric S.p.A. SM1RT0063 Datasheet HTML 3Page - LOVATO Electric S.p.A. SM1RT0063 Datasheet HTML 4Page - LOVATO Electric S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Flexible w/o lug conductor section
min
mm²
1
max
mm²
10
Flexible c/w lug conductor section
min
mm²
1
max
mm²
10
Flexible with insulated spade lug conductor section
min
mm²
1
max
mm²
10
Screwdriver
PH2
Power terminal protection according to IEC/EN 60529
IP20 on front
Cable stripping lenght
main circuit
mm
12
Ambient conditions
Temperature
Operating temperature
min
°C
-20
max
°C
+60
Storage temperature
min
°C
-50
max
°C
+80
Compensation temperature
min
°C
-20
max
°C
+50
Max altitude
m
3000
Operating position
normal
Vertical plan
allowable
Any
Fixing
Screw / DIN rail
35mm
Weight
g
278
UL technical data
Motor Disconnect
at 240V
kA
65
at 480V
kA
65
protection
Fuse or CB
Group Motor Installation
at 480V
kA
65
protection
Fuse or CB
Tap Conductor Protection
at 480Y/277V
kA
65
Maximum UL/CSA horsepower ratings single-phase
110V-120V
HP
-
220V-240V
HP
-
Maximum UL/CSA horsepower ratings three-phase, 3-pole
200V-208V
HP
-
220V-240V
HP
-
440V-480V
HP
-
Dimensions
SM1RT0063
MOTOR PROTECTION CIRCUIT BREAKER, TRANSFORMER PROTECTION, IEC BREAKING
CAPACITY ICU 100KA AT 400V, 0.4...0.63A
SM1RT0063
The characteristics described in this document are subject to updates or modifications at any time. The descriptions, technical and
functional information, illustrations and instructions in this brochure are purely illustrative, and are consequently not contractually binding
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com