Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D52EX Datasheet(PDF) 2 Page - LUMEL S.A.

Part # D52EX
Description  transducer of d.c. circuits parameters with data record and ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

D52EX Datasheet(HTML) 2 Page - LUMEL S.A.

  D52EX Datasheet HTML 1Page - LUMEL S.A. D52EX Datasheet HTML 2Page - LUMEL S.A. D52EX Datasheet HTML 3Page - LUMEL S.A. D52EX Datasheet HTML 4Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Export department:
tel.: (+48 68) 45 75 130, 45 75 132
e-mail: export@lumel.com.pl
Calibration & Attestation:
e-mail: laboratorium@lumel.com.pl
Technical support:
tel.: (+48 68) 45 75 143, 45 75 141,
45 75 144, 45 75 140
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4,
65-127 Zielona Góra, Poland
tel.: +48 68 45 75 100,
www.LUMEL.CoM.pL
Connection diagram
OUT3 OUT2 OUT1
SUPPLY
INPUT
OUT2
OUT3
OUT2 - alarm 1
OUT3- alarm 2
OUT2
OUT3
OUT2 - analog output 2
0/4...20 mA
OUT3- Alarm 2
OUT2
OUT3
OUT2
OUT3
OUT2 - alarm 1
OUT3- supplying output
24 V d.c., 30 mA
OUT2 - analog output 2
0/4...20 mA
OUT3- supplying output
24 V d.c., 30 mA
OUT2
OUT3
OUT2
OUT3
OUT2 - analog output 2
0...10 V
OUT3- alarm 2
OUT2 - analog output 2
0...10 V
OUT3- supplying output
24 V d.c., 30 mA
100/230 V
SUPPLY - supply
OUT2 - output no.2 (alarm or analog output)
OUT3 - output no.3 (alarm or supplying output 24V)
OUT1 - main analog output no.1
INPUT - measuring input
RS-485 - interface RS-485
P30H-XX11XXXXX
P30H-XX21XXXXX
Digital interface
Interface type
Properties
Remarks
Ethernet 10/100 Baste-T (option)
Modbus TCP/ IP HTTP, FTP
www, ftp server, client DHCP
RS-485
Modbus RTU: 8N2, 8E1, 8O1, 8N1
Address 1…247
baud rate: 4.8, 9.6, 19.2, 38.4, 57.6, 115.2,
230.4, 256 kbit/s
CAN
Protocol: CANopen
baud rate: 20, 50, 100, 125, 250, 500, 1000 kBit/s
P30Htransducerofd.c.circuitsparameterswithdatarecordandethernet
Outputs
Output type
Properties
Remarks
Analog OUT1, OUT2
(1 or 2 outputs - depends on transducer version)
OUT1
current: 0/4...20 mA, load resistance ≤ 500 Ω
voltage: 0...10 V, load resistance ≥ 500 Ω
accuracy class 0.1
OUT2
current: 0/4...20 mA, load resistance ≤ 250 Ω
voltage: 0...10 V, load resistance ≥ 500 Ω
accuracy class 0.5
Relay OUT2,OUT3
(1 or 2 outputs - depends on transducer version)
1 or 2 relays; voltageless contacts – NO –maximun load 5A 30V d.c.,
250V a.c.
Additional supplying output OUT3
24 V d.c. / 30 mA (option)
Interface CAN OUT2
only for transducer version P30H X00XXXXXX
External features
Overall dimensions
45 ´ 120 ´ 100 mm
Weight
< 0.25 kg
Protection grade
for housing: IP40/ IP30
for terminals: IP20
Readout field
LCD 2 x 8 characters with LED backlight
Safety and compatibility requirements
Electromagnetic compatibility
noise immunity
acc. to EN 61000-6-2
noise emissions
acc. to EN 61000-6-4
Isolation between circuits
basic / reinforced (see user’s manual)
acc. to EN 61010-1
Pollution level
2
acc. to EN 61010-1
Installation category
III for input voltage up to 300 V d.c.,
III for input voltage 300…600 V d.c.
with additional resistance D5,
II for input voltage 600…1000 V d.c.
with additional resistance D5
Maximal phase-to-earth voltage
•
for supply and input circuits 300 V
•
for other circuits 50 V
Altitude above see level
< 2000 m
Rated operation conditions
Supply voltage
•
85..253 V a.c., 85...300 V d.c.
•
20..40 V a.c., 20…60 V d.c.
power consumption < 5 VA
Temperature
ambient: -25...23...+55°C
storage: -30...+70°C
Humidity
25...95 %
inadmissible condensation
Working position
any
P30H
1 2 3 4 5 6 7 8
9 10 11 12 13 14 15 16
A
RS-485
OUT1
INPUT
SUPPLY
B
+
+
+
-
OUT3 OUT2
12 V
48 V
100 V
250 V
150 mV
For more
information about
LUMEL products
please visit
our website:
www.lumel.com.pl
OUT3 OUT2 OUT1
SUPPLY
INPUT
OUT2
OUT3
OUT2 - alarm 1
OUT3- alarm 2
OUT2
OUT3
OUT2 - analog output 2
0/4...20 mA
OUT3- Alarm 2
OUT2
OUT3
OUT2
OUT3
OUT2 - alarm 1
OUT3- supplying output
24 V d.c., 30 mA
OUT2 - analog output 2
0/4...20 mA
OUT3- supplying output
24 V d.c., 30 mA
OUT2
OUT3
OUT2
OUT3
OUT2 - analog output 2
0...10 V
OUT3- alarm 2
OUT2 - analog output 2
0...10 V
OUT3- supplying output
24 V d.c., 30 mA
100/230 V
SUPPLY - supply
OUT2 - output no.2 (alarm or analog output)
OUT3 - output no.3 (alarm or supplying output 24V)
OUT1 - main analog output no.1
INPUT - measuring input
RS-485 - interface RS-485
(alarm. wyj analogowe lub interfejsowe CAN)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com