Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D52EX Datasheet(PDF) 4 Page - LUMEL S.A.

Part # D52EX
Description  transducer of d.c. circuits parameters with data record and ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

D52EX Datasheet(HTML) 4 Page - LUMEL S.A.

  D52EX Datasheet HTML 1Page - LUMEL S.A. D52EX Datasheet HTML 2Page - LUMEL S.A. D52EX Datasheet HTML 3Page - LUMEL S.A. D52EX Datasheet HTML 4Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Export department:
tel.: (+48 68) 45 75 130, 45 75 132
e-mail: export@lumel.com.pl
Calibration & Attestation:
e-mail: laboratorium@lumel.com.pl
Technical support:
tel.: (+48 68) 45 75 143, 45 75 141,
45 75 144, 45 75 140
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4,
65-127 Zielona Góra, Poland
tel.: +48 68 45 75 100,
www.LUMEL.CoM.pL
Ordering
P30Htransducerofd.c.circuitsparameterswithdatarecordandethernet
Additional resistance D5 X X X
Measuring range in set with P30H:
600 V
1
1000 V
2
Language:
Polish
P
English
E
other*
X
Acceptance tests:
without extra requirements
0
with an extra quality inspection certificate
1
acc. to customer’s request*
X
Order example:
The code D5 2E1 means additional resistance D5 with measuring range 1000 V, in English, with an extra quality inspection
certificate.
* after agreeing with the manufacturer
For more
information about
LUMEL products
please visit
our website:
www.lumel.com.pl
P30H-19A_R1_en
Code
Description
P30H 1011100M0
Transducer of d.c. circuit parameters P30H
analog output 0/4…20mA;
2 relays,
supply 85-253Vac / 85-300Vdc;
documentation and descriptions in Polish and English
test certificate
P30H 1211100M0
Transducer of d.c. circuit parameters P30H
analog output 0/4…20mA;
2 relays,
Ethernet and archive file system memory;
supply 85-253Vac / 85-300Vdc;
documentation and descriptions in Polish and English
test certificate



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com