Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LA-CN5M Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LA-CN5M
Description  OSLON® SX
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-CN5M Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LA-CN5M Datasheet HTML 5Page - ams-OSRAM AG LA-CN5M Datasheet HTML 6Page - ams-OSRAM AG LA-CN5M Datasheet HTML 7Page - ams-OSRAM AG LA-CN5M Datasheet HTML 8Page - ams-OSRAM AG LA-CN5M Datasheet HTML 9Page - ams-OSRAM AG LA-CN5M Datasheet HTML 10Page - ams-OSRAM AG LA-CN5M Datasheet HTML 11Page - ams-OSRAM AG LA-CN5M Datasheet HTML 12Page - ams-OSRAM AG LA-CN5M Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LA CN5M
DATASHEET
DATASHEET
9 | Version 1.7 | 2022-11-09
Forward current 6)
I
F = f(VF); TS = 25 °C
LA CN5M
1.81.9
2.02.1
2.22.3
2.4
VF /V
30
40
60
80
100
120
140
160
180
200
IF /mA
Relative Luminous Flux 6), 7)
Φ
v/Φv(140 mA) = f(IF); TS = 25 °C
LA CN5M
IF /mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ΦV
ΦV(140mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com