Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LA-CN5M Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # LA-CN5M
Description  OSLON® SX
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-CN5M Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button LA-CN5M Datasheet HTML 14Page - ams-OSRAM AG LA-CN5M Datasheet HTML 15Page - ams-OSRAM AG LA-CN5M Datasheet HTML 16Page - ams-OSRAM AG LA-CN5M Datasheet HTML 17Page - ams-OSRAM AG LA-CN5M Datasheet HTML 18Page - ams-OSRAM AG LA-CN5M Datasheet HTML 19Page - ams-OSRAM AG LA-CN5M Datasheet HTML 20Page - ams-OSRAM AG LA-CN5M Datasheet HTML 21Page - ams-OSRAM AG LA-CN5M Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
LA CN5M
DATASHEET
DATASHEET
18 | Version 1.7 | 2022-11-09
C
Chhiipp TTeecchhnnoollooggyy
M
M::
standard performance (>= 500µm)
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
55::
outcoupling lens (=60°)
77::
outcoupling lens (=80°)
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
N
N::
OSLON Ceramic Material Al2O3
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LL
AA
C
C
N
N
55
M
M
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
C
Coolloorr ccoooorrddiinnaatteess aaccccoorrddiinngg
((λλddoomm ttyypp..))
C
CIIEE 11993311//EEm
miissssiioonn ccoolloorr::
TT::
528 nm
true green
U
UW
W::
ultra white
YY::
587 nm
yellow
AA::
617 nm
amber
D
D::
460 nm
deep blue
LL::
Light
emitting
diode
PPaacckkaaggee TTyyppee
C
C::
Toplooker
Ceramic package
w/o reflector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com