Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DB833AFILFT Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 9DB833AFILFT
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB833AFILFT Datasheet(HTML) 3 Page - Renesas Technology Corp

  9DB833AFILFT Datasheet HTML 1Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 2Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 3Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 4Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 5Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 6Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 7Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 8Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
9DB833
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
3
9DB833
MAY 25, 2018
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
SRC_DIV#
IN
Active low Input for determining SRC output frequency SRC or SRC/2.
0 = SRC/2, 1= SRC
2
VDDR
PWR
Power supply for differential input clock (receiver). This VDD should be treated
as an analog power rail and filtered appropriately. Nominally 3.3V.
3
GND
GND
Ground pin.
4
SRC_IN
IN
HCSL SRC TRUE input
5
SRC_IN#
IN
HCSL SRC COMPLEMENTARY input
6OE0#
IN
Active low input for enabling output 0.
1 = disable output, 0 = enable output.
7OE3#
IN
Active low input for enabling output 3.
1 = disable output, 0 = enable output.
8
DIF_0
OUT
HCSL true clock output.
9
DIF_0#
OUT
HCSL complementary clock output.
10
GND
GND
Ground pin.
11
VDD
PWR
Power supply, nominally 3.3V.
12
DIF_1
OUT
HCSL true clock output.
13
DIF_1#
OUT
HCSL complementary clock output.
14
OE1#
IN
Active low input for enabling output 1.
1 = disable output, 0 = enable output.
15
OE2#
IN
Active low input for enabling output 2.
1 = disable output, 0 = enable output.
16
DIF_2
OUT
HCSL true clock output.
17
DIF_2#
OUT
HCSL complementary clock output.
18
GND
GND
Ground pin.
19
VDD
PWR
Power supply, nominally 3.3V.
20
DIF_3
OUT
HCSL true clock output.
21
DIF_3#
OUT
HCSL complementary clock output.
22
BYP#_HIBW_LOBW
IN
Tri-level input to select bypass mode, Hi BW PLL, or Lo BW PLL mode
23
SMBCLK
IN
Clock pin of SMBUS circuitry
24
SMBDAT
I/O
Data pin of SMBUS circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com