Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DB833AFILFT Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9DB833AFILFT
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB833AFILFT Datasheet(HTML) 4 Page - Renesas Technology Corp

  9DB833AFILFT Datasheet HTML 1Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 2Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 3Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 4Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 5Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 6Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 7Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 8Page - Renesas Technology Corp 9DB833AFILFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
9DB833
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
4
9DB833
MAY 25, 2018
Pin Descriptions (cont.)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
25
GND
GND
Ground pin.
26
GND
GND
Ground pin.
27
VDD
PWR
Power supply, nominally 3.3V.
28
SMB_ADR_tri
IN
SMBus address select bit. This is a tri-level input that decodes 1 of 3 SMBus
Addresses.
29
DIF_4#
OUT
HCSL complementary clock output.
30
DIF_4
OUT
HCSL true clock output.
31
VDD
PWR
Power supply, nominally 3.3V.
32
GND
GND
Ground pin.
33
DIF_5#
OUT
HCSL complementary clock output.
34
DIF_5
OUT
HCSL true clock output.
35
OE5#
IN
Active low input for enabling output 5.
1 = disable output, 0 = enable output.
36
OE6#
IN
Active low input for enabling output 6.
1 = disable output, 0 = enable output.
37
DIF_6#
OUT
HCSL complementary clock output.
38
DIF_6
OUT
HCSL true clock output.
39
VDD
PWR
Power supply, nominally 3.3V.
40
PD#
IN
Asynchronous active low input pin used to power down the device. The internal
clocks are disabled and the VCO's (if any) and the XTAL oscillator are stopped.
41
DIF_7#
OUT
HCSL complementary clock output.
42
DIF_7
OUT
HCSL true clock output.
43
OE4#
IN
Active low input for enabling output 4
1 = disable output, 0 = enable output.
44
OE7#
IN
Active low input for enabling output 7.
1 = disable output, 0 = enable output.
45
LOCK
OUT
3.3V output indicating PLL Lock Status. This pin goes high when lock is
achieved.
46
IREF
OUT
This pin establishes the reference for the differential current-mode output pairs. It
requires a fixed precision resistor to ground. 475ohm is the standard value for
100ohm differential impedance. Other impedances require different values. See
data sheet.
47
GNDA
GND
Ground pin for the PLL core.
48
VDDA
PWR
Power supply for PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com