Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A22Z-R25 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
A22
15
Nomenclature
Model Structure
Pushbutton
Lock Ring
Lamp
• Light Source
LED lamp
Incandescent lamp
Switch
• Contacts
• Lighting Method
Non-lighted:
Red, Green, Yellow, White, Blue, Black
Lighted:
Red, Green Yellow, White, Blue
SPST-NO, SPST-NC, SPST-NO + SPST-NC,
SPST-NO + SPST-NO, SPST-NC + SPST-NC
(Minimum applicable load: 10 mA at 5 VDC)
Non-lighted
Lighted (without Voltage Reduction Unit)
Lighted (with Voltage Reduction Unit)
The above illustration shows a lighted model.
• Available Colors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com