Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI2K Datasheet(PDF) 32 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 28Page - STMicroelectronics LRI2K_08 Datasheet HTML 29Page - STMicroelectronics LRI2K_08 Datasheet HTML 30Page - STMicroelectronics LRI2K_08 Datasheet HTML 31Page - STMicroelectronics LRI2K_08 Datasheet HTML 32Page - STMicroelectronics LRI2K_08 Datasheet HTML 33Page - STMicroelectronics LRI2K_08 Datasheet HTML 34Page - STMicroelectronics LRI2K_08 Datasheet HTML 35Page - STMicroelectronics LRI2K_08 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
LRI2K states
LRI2K
32/89
11
LRI2K states
An LRI2K can be in one of 4 states:
Power-off
Ready
Quiet
Selected
Transitions between these states are specified in Figure 38: LRI2K state transition diagram
and Table 9: LRI2K response depending on request flags.
11.1
Power-off state
The LRI2K is in the Power-off state when it does not receive enough energy from the VCD.
11.2
Ready state
The LRI2K is in the Ready state when it receives enough energy from the VCD. When in the
Ready state, the LRI2K answers any request where the Select_flag is not set.
11.3
Quiet state
When in the Quiet state, the LRI2K answers any request except for Inventory requests with
the Address_flag set.
11.4
Selected state
In the Selected state, the LRI2K answers any request in all modes (see Section 12: Modes):
request in Select mode with the Select flag set
request in Addressed mode if the UID matches
request in Non-Addressed mode as it is the mode for general requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com