Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI2K Datasheet(PDF) 42 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 38Page - STMicroelectronics LRI2K_08 Datasheet HTML 39Page - STMicroelectronics LRI2K_08 Datasheet HTML 40Page - STMicroelectronics LRI2K_08 Datasheet HTML 41Page - STMicroelectronics LRI2K_08 Datasheet HTML 42Page - STMicroelectronics LRI2K_08 Datasheet HTML 43Page - STMicroelectronics LRI2K_08 Datasheet HTML 44Page - STMicroelectronics LRI2K_08 Datasheet HTML 45Page - STMicroelectronics LRI2K_08 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
Explanation of the possible cases
LRI2K
42/89
17
Explanation of the possible cases
Figure 40 summarizes the main possible cases that can occur during an anticollision
sequence when the slot number is 16.
The different steps are:
The VCD sends an Inventory request, in a frame terminated by an EOF. The number of
slots is 16.
LRI2K 1 transmits its response in Slot 0. It is the only one to do so, therefore no
collision occurs and its UID is received and registered by the VCD;
The VCD sends an EOF in order to switch to the next slot.
In slot 1, two LRI2Ks, LRI2K 2 and LRI2K 3 transmit a response, thus generating a
collision. The VCD records the event and remembers that a collision was detected in
Slot 1.
The VCD sends an EOF in order to switch to the next slot.
In Slot 2, no LRI2K transmits a response. Therefore the VCD does not detect any
LRI2K SOF and decides to switch to the next slot by sending an EOF.
In slot 3, there is another collision caused by responses from LRI2K 4 and LRI2K 5
The VCD then decides to send a request (for instance a Read Block) to LRI2K 1 whose
UID has already been correctly received.
All LRI2Ks detect an SOF and exit the anticollision sequence. They process this
request and since the request is addressed to LRI2K 1, only LRI2K 1 transmits a
response.
All LRI2Ks are ready to receive another request. If it is an Inventory command, the slot
numbering sequence restarts from 0.
Note:
The decision to interrupt the anticollision sequence is made by the VCD. It could have
continued to send EOFs until Slot 16 and only then sent the request to LRI2K 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com