Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LISY300AL Datasheet(PDF) 10 Page - STMicroelectronics

Part # LISY300AL
Description  MEMS inertial sensor: single-axis ±300°/s analog output yaw rate gyroscope
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LISY300AL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LISY300AL Datasheet HTML 5Page - STMicroelectronics LISY300AL Datasheet HTML 6Page - STMicroelectronics LISY300AL Datasheet HTML 7Page - STMicroelectronics LISY300AL Datasheet HTML 8Page - STMicroelectronics LISY300AL Datasheet HTML 9Page - STMicroelectronics LISY300AL Datasheet HTML 10Page - STMicroelectronics LISY300AL Datasheet HTML 11Page - STMicroelectronics LISY300AL Datasheet HTML 12Page - STMicroelectronics LISY300AL Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application hints
LISY300AL
10/13
The LISY300AL IC includes a PLL (phase locked loop) circuit to synchronize driving and
sensing interfaces. Capacitors and resistors must be added at the FILTVDD and VCONT
pads (as shown in Figure 3) to implement a second-order low-pass filter. Table 6
summarizes the PLL low-pass filter components’ values.
3.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020C.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com/mems.
Table 6.
PLL low-pass filter components’ values
Component
Value
C1
450 nF ± 10%
C2
9 nF ± 10%
R1
9.5 k
Ω ± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com