Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LISY300AL Datasheet(PDF) 11 Page - STMicroelectronics

Part # LISY300AL
Description  MEMS inertial sensor: single-axis ±300°/s analog output yaw rate gyroscope
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LISY300AL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LISY300AL Datasheet HTML 5Page - STMicroelectronics LISY300AL Datasheet HTML 6Page - STMicroelectronics LISY300AL Datasheet HTML 7Page - STMicroelectronics LISY300AL Datasheet HTML 8Page - STMicroelectronics LISY300AL Datasheet HTML 9Page - STMicroelectronics LISY300AL Datasheet HTML 10Page - STMicroelectronics LISY300AL Datasheet HTML 11Page - STMicroelectronics LISY300AL Datasheet HTML 12Page - STMicroelectronics LISY300AL Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LISY300AL
Package information
11/13
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK® is an ST trademark.
ECOPACK® specifications are available at: www.st.com.
Figure 4.
LGA-28: mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.600
0.0630
A2
1.300
0.0512
A3
0.170
0.200
0.230 0.0067 0.0079 0.0091
D
6.900
7.000
7.100 0.2717 0.2756 0.2795
E
6.900
7.000
7.100 0.2717 0.2756 0.2795
F
0.350
0.0138
G
0.800
0.0315
L
0.450
0.0177
L1
0.100
0.0039
M
0.800
0.0315
N
1.600
0.0630
O
4.800
0.1890
P
2.400
0.0945
K
0.050
0.0020
LGA28 (7x7x1.5mm)
Land Grid Array Package
8003444 A
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.600
0.0630
A2
1.300
0.0512
A3
0.170
0.200
0.230 0.0067 0.0079 0.0091
D
6.900
7.000
7.100 0.2717 0.2756 0.2795
E
6.900
7.000
7.100 0.2717 0.2756 0.2795
F
0.350
0.0138
G
0.800
0.0315
L
0.450
0.0177
L1
0.100
0.0039
M
0.800
0.0315
N
1.600
0.0630
O
4.800
0.1890
P
2.400
0.0945
K
0.050
0.0020
LGA28 (7x7x1.5mm)
Land Grid Array Package
8003444 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com