Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7283-01FVC Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # DA7283-01FVC
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7283-01FVC Datasheet(HTML) 5 Page - Renesas Technology Corp

  DA7283-01FVC Datasheet HTML 1Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 2Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 3Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 4Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 5Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 6Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 7Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 8Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
R15DS0040EE0320 Rev.3.20
June 16, 2026
CFR0011-120-00
Page 5
1. Terms and Definitions
BEMF
Back electromotive force
CDM
Charged device model
EMI
Electromagnetic interference
ERC
Edge rate control
ESD
Electrostatic discharge
FET
Field-effect transistor
GND
Ground
GPI
General-purpose input
Half-period
One half of the LRA resonant frequency period. For example, if fLRA = 200 Hz, one half-period
is 2.5 ms.
HBM
Human body model
LRA
Linear resonant actuator
PCB
Printed circuit board
PID
Proportional-Integral-Derivative
PoR
Power-on reset
PWM
Pulse-width modulation
QFN
Quad flat no-leads
RC
Resistor-capacitor
WLCSP
Wafer-level chip-scale package
PMIC
Power management integrated circuit
NFC
Near-field communication
2. Product Family
Table 1. DA728x feature comparison
Feature
DA7280
DA7281
DA7282
DA7283
OFF state via VDDIO/EN pin
No
No
Yes
Yes
OFF state current
N/A
N/A
5 nA
5 nA
IDLE state current
360 nA
360 nA
680 nA
680 nA
Number of GPI sequence trigger pins
3
1
3
3
I2C interface
Yes
Yes
Yes
No
Multiple I2C addressing
No
Yes
No
N/A
Operation without a host
No
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com