Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7283-01FVC Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # DA7283-01FVC
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7283-01FVC Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button DA7283-01FVC Datasheet HTML 3Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 4Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 5Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 6Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 7Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 8Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 9Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 10Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
R15DS0040EE0320 Rev.3.20
June 16, 2026
CFR0011-120-00
Page 7
4. Pinout
3
2
1
A
B
C
D
GPI_1
GPI_2
OUTN
OUTP
GPI_0
VDD
VDDIO/EN
GND_2
GND_1
Analog
signal
Power
Ground
Digital
signal
Top view
GND_3
GND_4
GND_5
WLCSP
4
5
6
10
11
12
1
2
3
7
8
9
GPI_2
GPI_1
GPI_0
GND_2
OUTN
VDDIO/EN
Pin 1
Ground
Analog
signal
Digital
signal
Power
Top view
QFN
Figure 3. DA7283 pinout diagrams (top view) for WLCSP and QFN
Table 2. Pin description
Pin No.
WLCSP
Pin No.
QFN
Pin name
Type
(Table 3)
Description
A1
12
GND_3
GND
Ground
A2
11
GND_4
GND
Ground
A3
10
GND_5
GND
Ground
B1
2
GPI_1
DI
GPI sequence trigger 1
B2
1
GPI_2
DI
GPI sequence trigger 2
B3
9
VDDIO/EN
PWR
Digital IO supply/device enable function, active high. Connect to system
VDDIO via push-pull GPIO or small-value resistor
C1
3
GPI_0
DI
GPI sequence trigger 0
C2
8
OUTN
AO
Haptic driver negative output
C3
7
GND_2
GND
Ground
D1
4
VDD
PWR
Haptic power supply; decouple to GND_1
D2
5
OUTP
AO
Haptic driver positive output
D3
6
GND_1
GND
Ground
Table 3. Pin type definition
Pin type
Description
Pin type
Description
DI
Digital input
AO
Analog output
DO
Digital output
PWR
Power
DIO
Digital input/output
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com