Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4XX Datasheet(PDF) 74 Page - STMicroelectronics

Part # PSD4XX
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4XX Datasheet(HTML) 74 Page - STMicroelectronics

Back Button PSD4XX Datasheet HTML 70Page - STMicroelectronics PSD4XX Datasheet HTML 71Page - STMicroelectronics PSD4XX Datasheet HTML 72Page - STMicroelectronics PSD4XX Datasheet HTML 73Page - STMicroelectronics PSD4XX Datasheet HTML 74Page - STMicroelectronics PSD4XX Datasheet HTML 75Page - STMicroelectronics PSD4XX Datasheet HTML 76Page - STMicroelectronics PSD4XX Datasheet HTML 77Page - STMicroelectronics PSD4XX Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 123 page
background image
PSD4XX Family
71
PSD4XX Family
The PSD4XX
Architecture
(cont.)
Port Configuration
Pin Status
I/O Port
Unchanged
ZPLD Output
Depend on Inputs to the ZPLD
Address Out
Undefined
Data Port
Tri-stated
Peripheral I/O
Tri-stated
Table 20. I/O Pin Status During Power Down And Sleep Mode
t Input Clock
The PSD4XX provides the option to turn off the clock inputs to save AC power
consumption. The clock input (CLKIN) is used as a source for driving the following
modules:
t ZPLD Array Clock Input
t ZPLD MacroCell Clock Flip Flop
t APD Counter Clock
During power down or if any of the modules are not being used the clock to these
modules should be disabled. To reduce AC power consumption, it is especially
important to disable the clock input to the ZPLD array if it is not used as part of a logic
equation.
The ZPLD Array Clock can be disabled by setting PMMR0 bit 5 (ZPLD ACLK).
The ZPLD MacroCell Clock Input can be disabled by setting PMMR0 bit 6
(ZPLD RCLK). The Timer Clock can be disabled by setting PMMR0 bit 7
(TMR CLK). The APD Counter Clock will be disabled automatically if Power Down or
Sleep Mode is entered through the APD unit. The input buffer of the CLKIN input will be
disabled if bits 5 – 7 PMMR0 are set and the APD has overflowed.
PLD
PLD
Access
Access
Propagation
Recovery
Time
Recovery
Delay
Time To
Time To
Normal
Normal
Operation
Access
Power Down
Normal t PD
0
No Access
t LVDV
(Note 1)
Sleep
t LVDV2
t LVDV3
No Access
t LVDV1
(Note 2)
(Note 3)
Summary of PSD4XX Timing and Standby Current During Power Down
and Sleep Modes
NOTES: 1. Power Down does not affect the operation of the ZPLD. The ZPLD operation in this mode is based
only on the ZPLD_Turbo Bit.
2. In Sleep Mode any input to the ZPLD will have a propagation delay of tLVDV2.
3. PLD recovery time to normal operation after exiting Sleep Mode. An input to the ZPLD during the
transition will have a propagation delay time of tLVDV3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com