| Electronic Components Datasheet Search |
|
PSD4XX Datasheet(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4XX Datasheet(HTML) 57 Page - STMicroelectronics |
|
57 / 123 page ![]() PSD4XX Family 54 PSD4XX Family 9.3.10 Port A – Functionality and Structure Port A is the most flexible of all the I/O ports. It can be configured to perform one or more of the following functions: t Standard MCU I/O Mode t PLD I/O t Address Out – latched address lines A[0-7] are assigned to pins PA[0-7]. t Address In – input port for other address lines, inputs can be latched by ALE. t Peripheral I/O Figure 27 shows the structure of a Port A pin. If the pin is configured as an output port, the multiplexer selects one of its three inputs as output. If the pin is configured as an input, the input connects to : 1. Data In Register as input in Standard MCU I/O Mode or 2. PA Macrocell as PLD input or 3. PA Macrocell through a latch latched by ALE, as Address In input. 9.3.11 Port B – Functionality and Structure Port B is similar to Port A in structure. It can be configured to perform one or more of the following functions: t Standard MCU I/O Mode t PLD I/O t Address Out – address lines A[0-7] for 8-bit multiplexed bus or address lines A[8-15] for 16-bit multiplexed bus are assigned to pins PB[0-7]. Figure 28 shows the structure of a Port B pin. If the pin is configured as an output port, the multiplexer selects one of its three inputs as output. If the pin is configured as input, the input connects to : t Data In Register as input in Standard MCU I/O Mode or t PB Macrocell as PLD input The PSD4XX Architecture (cont.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |