Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F313 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB91F313 Datasheet HTML 17Page - fujitsu semiconductor MB91F313 Datasheet HTML 18Page - fujitsu semiconductor MB91F313 Datasheet HTML 19Page - fujitsu semiconductor MB91F313 Datasheet HTML 20Page - fujitsu semiconductor MB91F313 Datasheet HTML 21Page - fujitsu semiconductor MB91F313 Datasheet HTML 22Page - fujitsu semiconductor MB91F313 Datasheet HTML 23Page - fujitsu semiconductor MB91F313 Datasheet HTML 24Page - fujitsu semiconductor MB91F313 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
MB91313 Series
21
■ RESTRICTIONS
1) Clock control block
When an “L” level is input to the INITX pin, ensure that it is maintained for the duration of the oscillation
stabilization wait time.
2) Bit Search Module
The bit search data register for 0-detection (BSD0), bit search data register for 1-detection (BSD1), and bit
search data register for change point detection (BSDC) can be accessed in word.
3) I/O Ports
Ports can only be accessed in byte.
4) Low Power Consumption Mode
• To place the device in standby mode, use the synchronous standby mode (set with bit 8 (SYNCS bit) of the
timebase counter control register, TBCR) and be sure to use the following sequence :
(LDI#value_of_standby, r0) ; value_of_standby is the data to write to STCR
(LDI#_STCR, R12)
; _STCR is the address of STCR (481H)
STB
R0, @R12
; Write to the standby control register (STCR)
LDUB
@R12, R0
; Read STCR for synchronous standby
LDUB
@R12, R0
; Perform an additional dummy read of STCR
NOP
; 5
× NOP for timing adjustment
NOP
NOP
NOP
NOP
• Do not perform any of the following actions when using the monitor debugger.
• Set a breakpoint within the sequence of instructions shown above
• Perform step execution of the sequence of instructions shown above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com