Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RIVA128 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 2Page - STMicroelectronics RIVA128 Datasheet HTML 3Page - STMicroelectronics RIVA128 Datasheet HTML 4Page - STMicroelectronics RIVA128 Datasheet HTML 5Page - STMicroelectronics RIVA128 Datasheet HTML 6Page - STMicroelectronics RIVA128 Datasheet HTML 7Page - STMicroelectronics RIVA128 Datasheet HTML 8Page - STMicroelectronics RIVA128 Datasheet HTML 9Page - STMicroelectronics RIVA128 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
6/77
2
PIN DESCRIPTIONS
2.1
ACCELERATED GRAPHICS PORT (AGP) INTERFACE
2.2
PCI 2.1 LOCAL BUS INTERFACE
Signal
I/O
Description
AGPST[2:0]
I
AGP status bus providing information from the arbiter to the RIVA 128 on what it may do.
AGPST[2:0] only have meaning to the RIVA 128 when PCIGNT# is asserted. When
PCIGNT# is de-asserted these signals have no meaning and must be ignored.
000
Indicates that previously requested low priority read or flush data is being
returned to the RIVA 128.
001
Indicates that previously requested high priority read data is being returned to
the RIVA 128.
010
Indicates that the RIVA 128 is to provide low priority write data for a previous
enqueued write command.
011
Indicates that the RIVA 128 is to provide high priority write data for a previous
enqueued write command.
100
Reserved
101
Reserved
110
Reserved
111
Indicates that the RIVA 128 has been given permission to start a bus transac-
tion. The RIVA 128 may enqueue AGP requests by asserting AGPPIPE# or start
a PCI transaction by asserting PCIFRAME#. AGPST[2:0] are always an output
from the Core Logic (AGP chipset) and an input to the RIVA 128.
AGPRBF#
O
Read Buffer Full indicates when the RIVA 128 is ready to accept previously requested low
priority read data or not. When AGPRBF# is asserted the arbiter is not allowed to return
(low priority) read data to the RIVA 128. This signal should be pulled up via a 4.7K
Ω resis-
tor (although it is supposed to be pulled up by the motherboard chipset).
AGPPIPE#
O
Pipelined Read is asserted by RIVA 128 (when the current master) to indicate a full width
read address is to be enqueued by the target. The RIVA 128 enqueues one request each
rising clock edge while AGPPIPE# is asserted. When AGPPIPE# is de-asserted no new
requests are enqueued across PCIAD[31:0]. AGPPIPE# is a sustained tri-state signal
from the RIVA 128 and is an input to the target (the core logic).
AGPADSTB0
∗,
AGPADSTB1
∗
I/O
These signals are currently a “no-connect” in this revision of the RIVA 128 but may be acti-
vated to support AGP double-edge clocking in future pin compatible devices. It is recom-
mended that these pins are connected directly to the AD_STB0 and AD_STB1 pins
defined in the AGP specification.
Signal
I/O
Description
PCICLK
I
PCI clock. This signal provides timing for all transactions on the PCI bus, except for
PCIRST# and PCIINTA#. All PCI signals are sampled on the rising edge of PCICLK and
all timing parameters are defined with respect to this edge.
PCIRST#
I
PCI reset. This signal is used to bring registers, sequencers and signals to a consistent
state. When PCIRST# is asserted all output signals are tristated.
PCIAD[31:0]
I/O
32-bit multiplexed address and data bus. A bus transaction consists of an address phase
followed by one or more data phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com