Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46R46 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46R46_08 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
18
June 5, 2008
· PWM Outputs
All devices contain one or two PWM outputs pin
shared with pins PD0 and PD1. The PWM output
functions are chosen via configuration options and re-
main fixed after the device is programmed. Note that
the corresponding bit or bits of the port control regis-
ter, PDC, must setup the pin as an output to enable
the PWM output. If the PDC port control register has
setup the pin as an input, then the pin will function as a
normal logic input with the usual pull-high option, even
if the PWM configuration option has been selected.
· A/D Inputs
Each device has four A/D converter inputs. All of
these analog inputs are pin-shared with I/O pins on
Port B. If these pins are to be used as A/D inputs and
not as normal I/O pins then the corresponding bits in
the A/D Converter Control Register, ADCR, must be
properly set. There are no configuration options asso-
ciated with the A/D function. If used as I/O pins, then
full pull-high resistor configuration options remain,
however if used as A/D inputs then any pull-high resis-
tor options associated with these pins will be automat-
ically disconnected.
V D D
M
U
X
W a k e - u p O p t i o n
S y s t e m W a k e - u p
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - H i g h
O p t i o n
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
I / O P i n
W e a k
P u l l - u p
D
Q
C K
S
Q
D
Q
C K
S
Q
P A o n l y
Non-pin-shared Function Input/Output Ports
V D D
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - H i g h
O p t i o n
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
I N T f o r P A 5 o n l y
T M R f o r P A 4 o n l y
P A 4 / T M R
P A 5 / I N T
W a k e - u p O p t i o n
S y s t e m W a k e - u p
W e a k
P u l l - u p
D
Q
C K
S
Q
D
Q
C K
S
Q
PA4/PA5 Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com