Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46R46 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT46R46_08 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
23
June 5, 2008
As in the case of the other two modes, when the counter
is full and overflows, the timer will be reset to the value
already loaded into the preload register. If the timer in-
terrupt is enabled, an interrupt signal will also be gener-
ated. To ensure that the external pin PA4/TMR is
configured to operate as a pulse width measuring input
pin, two things have to happen. The first is to ensure that
the TM0 and TM1 bits place the timer/event counter in
the pulse width measuring mode, the second is to en-
sure that the port control register configures the pin as
an input. It should be noted that a timer overflow is one
of the wake-up sources.
Programmable Frequency Divider - PFD
The PFD output is pin-shared with the I/O pin PA3. The
PFD function is selected via configuration option, how-
ever, if not selected, the pin can operate as a normal I/O
pin. The timer overflow signal is the clock source for the
PFD circuit. The output frequency is controlled by load-
ing the required values into the timer prescaler registers
to give the required division ratio. The counter, driven by
the system clock which is divided by the prescaler value,
will begin to count-up from this preload register value
until full, at which point an overflow signal is generated,
causing the PFD output to change state. The counter
will then be automatically reloaded with the preload reg-
ister value and continue counting-up.
For the PFD output to function, it is essential that the
corresponding bit of the Port A control register PAC bit 3
is setup as an output. If setup as an input the PFD output
will not function, however, the pin can still be used as a
normal input pin. The PFD output will only be activated if
bit PA3 is set to
²1². This output data bit is used as the
on/off control bit for the PFD output. Note that the PFD
output will be low if the PA3 output data bit is cleared to
²0².
Using this method of frequency generation, and if a
crystal oscillator is used for the system clock, very pre-
cise values of frequency can be generated.
Prescaler
Bits PSC0~PSC2 of the TMRC register can be used to
define the pre-scaling stages of the internal clock
sources of the Timer/Event Counter. The Timer/Event
Counter overflow signal can be used to generate signals
for the PFD and Timer Interrupt.
I/O Interfacing
The Timer/Event Counter, when configured to run in the
event counter or pulse width measurement mode, re-
quire the use of the external PA4/TMR pin for correct op-
eration. As this pin is a shared pin it must be configured
correctly to ensure it is setup for use as a Timer/Event
Counter input and not as a normal I/O pin. This is imple-
mented by ensuring that the mode select bits in the
Timer/Event Counter control register, select either the
event counter or pulse width measurement mode. Addi-
tionally the Port Control Register PAC bit 4 must be set
high to ensure that the pin is setup as an input. Any
pull-high resistor configuration option on this pin will re-
main valid even if the pin is used as a Timer/Event
Counter input.
+ 1
+ 2
+ 3
+ 4
T i m e r
E x t e r n a l T M R
P i n I n p u t
T O N ( w i t h T E = 0 )
P r e s c a l e r O u t p u t
I n c r e m e n t
T i m e r C o u n t e r
P r e s c a l e r O u t p u t i s s a m p l e d a t e v e r y f a l l i n g e d g e o f T 1 .
Pulse Width Measure Mode Timing Chart
T i m e r O v e r f l o w
P F D C l o c k
P A 3 D a t a
P F D O u t p u t a t P A 3
PFD Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com