Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3RW301. Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # 3RW301.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW301. Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  3RW301. Datasheet HTML 1Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 2Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 3Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 4Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 5Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 6Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 7Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 8Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
What is the operating principle of soft
starters?
Soft starters limit the starting current
and starting torque. This reliably prevents
both mechanical stress as well as line
voltage dips. The motor voltage is
reduced through phase angle control and
increased from an adjustable starting
voltage up to the line voltage within
the ramp time. Thanks to the step-free
control of the supply voltage, the motor
is adjusted to the driven machine’s
load behavior. Mechanical operating
equipment is accelerated in a particularly
gentle manner, which positively
influences its operating behavior and
prolongs its service life. In short: Soft
starting and stopping protects the
connected devices and ensures a smooth
production flow.
Can load feeders be assembled with
soft starters?
Of course. Fuseless load feeders of small
size can be effortlessly assembled with
circuit breakers, e.g. the SIRIUS 3RV.
Thanks to the integrated overload
functionality, also fused feeders can be
realized1) in a rapid and space-saving
manner.
How is the connection realized?
Connection is realized in the same
manner as with all other SIRIUS devices
for the control cabinet: Either using
screw-type or spring-loaded terminals.
Further connection systems can be
employed subject to availability.
What about communication?
As a matter of course, our soft starters
are able to communicate with the outside
world. With our high-feature soft starters,
this is realized with a communication
module for PROFIBUS DP.
Soft Starting of
Three-Phase Motors
SIRIUS soft starters –
advantages at a glance
Soft start and soft stop
Smooth starting, without steps
Reduced current peaks
Avoidance of line voltage fluctuations during
start-up
Reduced load on the power supply system
Reduced mechanical load in the drive
Considerable space savings and reduced
wiring compared to other starters
Maintenance-free switching
Ease of handling
Perfectly matched with SIRIUS devices for the
control cabinet
■
■
■
■
■
■
■
■
■
■
1) Not with 3RW30
5
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com