Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3RW302. Datasheet(PDF) 29 Page - Siemens Semiconductor Group

Part # 3RW302.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW302. Datasheet(HTML) 29 Page - Siemens Semiconductor Group

Back Button 3RW302. Datasheet HTML 25Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 26Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 27Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 28Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 29Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 30Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 31Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 32Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 33Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
1) Rated control supply voltage Us AC/DC 24 … 230 V
2) Stand-alone assembly
Please observe the configuration notes and boundary conditions on page 14 and 15!
SIRIUS 3RW30 for normal starting
Rated
Rated
Rated power of three-phase
Rated
Rated power of three-phase
Order No.
operating
operating motors with rated operating
operating
motors with rated operating
voltage
current
voltage
current
voltage
Ue
Ie
Ue
Ie
Ue
230 V
400 V
500 V
200 V
230 V
460 V
575 V
V
A
kW
kW
kW
A
hp
hp
hp
hp
Soft starters for simple start-up conditions and high switching frequencies 1)
200 ... 400
3
0.55
1.1
–
2.6
0.5
0.5
–
–
3RW30 03-PCB54
Order No. supplement for connection type
with screw-type terminals
1
with spring-loaded terminals
2
230 V
400 V
500 V
200 V
230 V
460 V
575 V
VA2)
kW
kW
kW
A2)
hp
hp
hp
hp
Soft starters for three-phase asynchronous motors
200 ... 480
3.6
0.75
1.5
–
3
0.5
0.5
1.5
–
3RW30 13-PBBP4
6.5
1.5
3
–
4.8
1
1
3
–
3RW30 14-PBBP4
9
2.2
4
–
7.8
2
2
5
–
3RW30 16-PBBP4
12.5
3
5.5
–11
3
3
7.5
–
3RW30 17-PBBP4
17.6
4
7.5
–17
3
3
10
–
3RW30 18-PBBP4
25
5.5
11
–23
5
5
15
–
3RW30 26-PBBP4
32
7.5
15
–
29
7.5
7.5
20
–
3RW30 27-PBBP4
38
11
18.5
–34
10
10
25
–
3RW30 28-PBBP4
45
11
22
–42
10
15
30
–
3RW30 36-PBBP4
63
18.5
30
–58
15
20
40
–
3RW30 37-PBBP4
72
22
37
–62
20
20
40
–
3RW30 38-PBBP4
80
22
45
–73
20
25
50
–
3RW30 46-PBBP4
106
30
55
–98
30
30
75
–
3RW30 47-PBBP4
Order No. supplement for connection type
with screw-type terminals
1
with spring-loaded terminals
2
Order No. supplement for rated control supply voltage Us
AC/DC 24 V
0
AC/DC 110 … 230 V
1
Ambient temperature 40 °C
Ambient temperature 50 °C
5
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com