Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3RW302. Datasheet(PDF) 26 Page - Siemens Semiconductor Group

Part # 3RW302.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW302. Datasheet(HTML) 26 Page - Siemens Semiconductor Group

Back Button 3RW302. Datasheet HTML 22Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 23Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 24Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 25Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 26Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 27Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 28Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 29Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 30Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
The Range at a Glance
Overview of SIRIUS soft starters
Please observe the configuration notes and boundary conditions on page 14 and 15!
2
Overview of accessories and spare parts for SIRIUS soft starters
3RW301.
–
–
–
–
–
–
–
–
–
–
–
–
–
3RW302.
–
–
–
–
–
–
–
–
–
–
–
–
–
3RW303.
–
–
3RT1936-4EA2
–
3RW4900-0PB10
–
–
–
–
–
–
–
–
3RW304.
–
–
3RT1946-4EA2
3RT1946-4EA1
3RW4900-0PB10
–
–
–
–
–
–
–
–
Rated control supply voltage
V
Rated control supply current
mA
Rated frequency
Hz
Rated operating voltage
V
Rated frequency
Hz
Rated operating current le (AC-53a)
at 40 °C
A
at 50 °C
A
at 60 °C
A
Permissible ambient temperature
°C
Size
Control electronics
Power electronics
3RW3003-.CB54
AC/DC 24 … 230 (±10%)
approx. 25 … 4
50/60 (±10%)
AC 200 … 400 (±10 %)
50/60 (±10%)
3
2.6
2.2
–25 … +60
22.5 mm
3RW3003-.CB54
AC/DC 24 (±20%)
approx. 50
50/60 (±10%)
AC 200 … 480 (–15 %/+10%)
50/60 (–10 %/+10 %)
3RW301.
3RW302.
3.6/6.5/9/12.5/17.6
25/32/38
3/6/8/12/17
23/29/34
3/5.5/7/11/14
21/26/31
–25 … +60
–25 … +60
S00
S0
3RW30..-.BB0.
3RW30..-..B.4
3RW303.
3RW304.
45/63/72
80/106
42/58/62
73/98
39/53/60
66/90
–25 … +60
–25 … +60
S2
S3
AC/DC 110 ... 230 (–15%/+10%)
approx. 25 … 20
50/60 (±10%)
3RW30..-.BB1.
3RW3003
–
–
–
–
3RP1902
–
–
–
–
–
–
–
–
Standard applications
Accessories
Terminal block
Terminal covers for box terminals
Connection cover for cable lug and busbar connection
Sealing cover
Parameterization and service software Soft Starter ES 2007 Basic
Parameterization and service software Soft Starter ES 2007 Standard
Parameterizationandservicesoftware Soft Starter ES 2007 Premium
PC cable for connection PC–3RW44
USB interface adapter
PROFIBUS DP communication module
External display and operator module
Connection cable (e.g. 2.5 m) 3RW44 ext. display module
Fans
Spare parts
Fans
SIRIUS 3RW3003
SIRIUS 3RW3003
SIRIUS 3RW30
SIRIUS 3RW30
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com