Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16F874 Datasheet(PDF) 5 Page - Microchip Technology

Part # 16F874
Description  EEPROM Memory Programming Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F874 Datasheet(HTML) 5 Page - Microchip Technology

  16F874 Datasheet HTML 1Page - Microchip Technology 16F874 Datasheet HTML 2Page - Microchip Technology 16F874 Datasheet HTML 3Page - Microchip Technology 16F874 Datasheet HTML 4Page - Microchip Technology 16F874 Datasheet HTML 5Page - Microchip Technology 16F874 Datasheet HTML 6Page - Microchip Technology 16F874 Datasheet HTML 7Page - Microchip Technology 16F874 Datasheet HTML 8Page - Microchip Technology 16F874 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2002 Microchip Technology Inc.
DS39025F-page 5
PIC16F87X
2.4
Program/Verify Mode
The Program/Verify mode is entered by holding pins
RB6 and RB7 low, while raising MCLR pin from VIL to
VIHH (high voltage). In this mode, the state of the RB3
pin does not effect programming. Low voltage ICSP
Programming mode is entered by raising RB3 from VIL
to VDD and then applying VDD to MCLR. Once in this
mode, the user program memory and the configuration
memory can be accessed and programmed in serial
fashion. The mode of operation is serial, and the mem-
ory that is accessed is the user program memory. RB6
and RB7 are Schmitt Trigger Inputs in this mode.
The sequence that enters the device into the Program-
ming/Verify mode places all other logic into the RESET
state (the MCLR pin was initially at VIL). This means
that all I/O are in the RESET state (high impedance
inputs).
The normal sequence for programming is to use the
load data command to set a value to be written at the
selected address. Issue the begin programming com-
mand followed by read data command to verify, and
then increment the address.
A device RESET will clear the PC and set the address
to 0. The “increment address” command will increment
the PC. The “load configuration” command will set the
PC to 0x2000. The available commands are shown in
Table 2-2.
2.4.1
LOW VOLTAGE ICSP
PROGRAMMING MODE
Low voltage ICSP Programming mode allows a
PIC16F87X device to be programmed using VDD only.
However, when this mode is enabled by a configuration
bit (LVP), the PIC16F87X device dedicates RB3 to
control entry/exit into Programming mode.
When LVP bit is set to ‘1’, the low voltage ICSP pro-
gramming entry is enabled. Since the LVP configura-
tion bit allows low voltage ICSP programming entry in
its erased state, an erased device will have the LVP bit
enabled at the factory. While LVP is ‘1’, RB3 is dedi-
cated to low voltage ICSP programming. Bring RB3 to
VDD and then MCLR to VDD to enter programming
mode. All other specifications for high voltage ICSP™
apply.
To disable low voltage ICSP mode, the LVP bit must be
programmed to ‘0’. This must be done while entered
with High Voltage Entry mode (LVP bit = 1). RB3 is now
a general purpose I/O pin.
2.4.2
SERIAL PROGRAM/VERIFY
OPERATION
The RB6 pin is used as a clock input pin, and the RB7
pin is used for entering command bits and data
input/output during serial operation. To input a com-
mand, the clock pin (RB6) is cycled six times. Each
command bit is latched on the falling edge of the clock,
with the Least Significant bit (LSb) of the command
being input first. The data on pin RB7 is required to
have a minimum setup and hold time (see AC/DC
specifications), with respect to the falling edge of the
clock. Commands that have data associated with them
(read and load) are specified to have a minimum delay
of 1
µs between the command and the data. After this
delay, the clock pin is cycled 16 times with the first cycle
being a START bit and the last cycle being a STOP bit.
Data is also input and output LSb first.
Therefore, during a read operation, the LSb will be
transmitted onto pin RB7 on the rising edge of the sec-
ond cycle, and during a load operation, the LSb will be
latched on the falling edge of the second cycle. A min-
imum 1
µs delay is also specified between consecutive
commands.
All commands are transmitted LSb first. Data words are
also transmitted LSb first. The data is transmitted on
the rising edge and latched on the falling edge of the
clock. To allow for decoding of commands and reversal
of data pin configuration, a time separation of at least
1
µs is required between a command and a data word
(or another command).
The commands that are available are:
2.4.2.1
Load Configuration
After receiving this command, the program counter
(PC) will be set to 0x2000. By then applying 16 cycles
to the clock pin, the chip will load 14-bits in a “data
word,” as described above, to be programmed into the
configuration memory. A description of the memory
mapping schemes of the program memory for normal
operation and Configuration mode operation is shown
in Figure 2-1. After the configuration memory is
entered, the only way to get back to the user program
memory is to exit the Program/Verify Test mode by
taking MCLR low (VIL).
2.4.2.2
Load Data for Program Memory
After receiving this command, the chip will load in a
14-bit “data word” when 16 cycles are applied, as
described previously. A timing diagram for the load data
command is shown in Figure 6-1.
Note:
The OSC must not have 72 osc clocks
while the device MCLR is between VIL and
VIHH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com