Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16F874 Datasheet(PDF) 6 Page - Microchip Technology

Part # 16F874
Description  EEPROM Memory Programming Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F874 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 16F874 Datasheet HTML 2Page - Microchip Technology 16F874 Datasheet HTML 3Page - Microchip Technology 16F874 Datasheet HTML 4Page - Microchip Technology 16F874 Datasheet HTML 5Page - Microchip Technology 16F874 Datasheet HTML 6Page - Microchip Technology 16F874 Datasheet HTML 7Page - Microchip Technology 16F874 Datasheet HTML 8Page - Microchip Technology 16F874 Datasheet HTML 9Page - Microchip Technology 16F874 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PIC16F87X
DS39025F-page 6
 2002 Microchip Technology Inc.
2.4.2.3
Load Data for Data Memory
After receiving this command, the chip will load in a
14-bit “data word” when 16 cycles are applied. How-
ever, the data memory is only 8-bits wide, and thus,
only the first 8-bits of data after the START bit will be
programmed into the data memory. It is still necessary
to cycle the clock the full 16 cycles in order to allow the
internal circuitry to reset properly. The data memory
contains up to 256 bytes. If the device is code pro-
tected, the data is read as all zeros.
2.4.2.4
Read Data from Program Memory
After receiving this command, the chip will transmit
data bits out of the program memory (user or configu-
ration) currently accessed, starting with the second ris-
ing edge of the clock input. The RB7 pin will go into
Output mode on the second rising clock edge, and it
will revert back to Input mode (hi-impedance) after the
16th rising edge. A timing diagram of this command is
shown in Figure 6-2.
2.4.2.5
Read Data from Data Memory
After receiving this command, the chip will transmit
data bits out of the data memory starting with the sec-
ond rising edge of the clock input. The RB7 pin will go
into Output mode on the second rising edge, and it will
revert back to Input mode (hi-impedance) after the 16th
rising edge. As previously stated, the data memory is
8-bits wide, and therefore, only the first 8-bits that are
output are actual data.
2.4.2.6
Increment Address
The PC is incremented when this command is
received. A timing diagram of this command is shown
in Figure 6-3.
2.4.2.7
Begin Erase/Program Cycle
A load command must be given before every begin
programming command. Programming of the appro-
priate memory (test program memory, user program
memory or data memory) will begin after this command
is received and decoded. An internal timing mechanism
executes an erase before write. The user must allow for
both erase and programming cycle times for program-
ming to complete. No “end programming” command is
required.
2.4.2.8
Begin Programming
A load command must be given before every begin
programming command. Programming of the appro-
priate memory (test program memory, user program
memory or data memory) will begin after this command
is received and decoded. An internal timing mechanism
executes a write. The user must allow for program
cycle time for programming to complete. No “end pro-
gramming” command is required.
This command is similar to the ERASE/PROGRAM
CYCLE command, except that a word erase is not
done. It is recommended that a bulk erase be per-
formed before starting a series of programming only
cycles.
Note:
The Begin Program operation must take
place at 4.5 to 5.5 VDD range.
TABLE 2-2:
COMMAND MAPPING FOR PIC16F87X
Command
Mapping (MSB … LSB)
Data
Voltage
Range
Load Configuration
XX
0000
0, data (14), 0
2.2V - 5.5V
Load Data for Program Memory
XX
0010
0, data (14), 0
2.2V - 5.5V
Read Data from Program Memory
XX
0100
0, data (14), 0
2.2V - 5.5V
Increment Address
XX
0110
2.2V - 5.5V
Begin Erase Programming Cycle
00
1000
2.2V - 5.5V
Begin Programming Only Cycle
01
1000
4.5V - 5.5V
Load Data for Data Memory
XX
0011
0, data (14), 0
2.2V - 5.5V
Read Data from Data Memory
XX
0101
0, data (14), 0
2.2V - 5.5V
Bulk Erase Setup1
00
0001
4.5V - 5.5V
Bulk Erase Setup2
00
0111
4.5V - 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com