Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE-A-P1MQ Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # LE-A-P1MQ
Description  OSRAM OSTAR™ Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-A-P1MQ Datasheet(HTML) 3 Page - ams-OSRAM AG

  LE-A-P1MQ Datasheet HTML 1Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 2Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 3Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 4Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 5Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 6Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 7Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 8Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LE A P1MQ
DATASHEET
DATASHEET
3 | Version 1.7 | 2026-01-29
Maximum Ratings
Parameter
Symbol
Values
Storage Temperature
T
stg
min.
max.
-40 °C
85 °C
Junction Temperature
T
j
max.
125 °C
Forward Current
T
j = Tj,max
I
F
min.
max.
200 mA
8000 mA
Forward Current pulsed
D = 0.6; f = 240 Hz; T
j = Tj,max
I
F pulse
8000 mA
Surge Current
t
P ≤ 50 μs; D = 0.1 ; Tj = Tj,max
I
FS
max.
10000 mA
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
V
ESD
2 kV
Reverse current 2)
I
R
max.
200 mA
Max. voltage difference anode-board, cathode-board
∆
V
a-b, ∆Vc-b
max.
40 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com