Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE-A-P1MQ Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LE-A-P1MQ
Description  OSRAM OSTAR™ Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-A-P1MQ Datasheet(HTML) 5 Page - ams-OSRAM AG

  LE-A-P1MQ Datasheet HTML 1Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 2Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 3Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 4Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 5Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 6Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 7Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 8Page - ams-OSRAM AG LE-A-P1MQ Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LE A P1MQ
DATASHEET
DATASHEET
5 | Version 1.7 | 2026-01-29
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 6000 mA
I
F = 6000 mA
min.
max.
Φ
V
Φ
V
SQ
1940 lm
2100 lm
SR
2100 lm
2240 lm
SS
2240 lm
2400 lm
ST
2400 lm
2590 lm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
W
609 nm
612 nm
2
612 nm
618 nm
Group Name on Label
Example: SQ-2
Brightness
Wavelength
SQ
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com