Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E32-R16 5M Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E32-R16 5M
Description  Smart Fiber Amplifier Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 5M Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E32-R16 5M Datasheet HTML 3Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 4Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 5Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 6Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 7Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 8Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 9Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 10Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
E3X-HD
Heat-resistant Models
Area Detection Models
* The fiber length is 2 m on each side, so the sensing distance is given as 4,000 mm.
Liquid-level Detection Models
Vacuum-resistant Models
* The fiber length is 1 m on each side, so the sensing distance is given as 2,000 mm.
Models for FPD, Semiconductors, and Solar Cells
* The fiber length is 2 m on each side, so the sensing distance is given as 4,000 mm.
Sensing method
Size
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
100
°C
E32-T51R 2M
1,600
800
560
225
150
°C
E32-T51 2M
2,800
1,500
1,000
400
200
°C
E32-T81R-S 2M
1,000
550
360
140
350
°C
E32-T61-S 2M
1,680
900
600
240
Reflective
100
°C
E32-D51R 2M
670
280
190
80
150
°C
E32-D51 2M
1,120
450
320
144
200
°C
E32-D81R-S 2M
420
180
120
54
300
°C
E32-A08H2 2M
10 to 20
---
E32-A09H2 2M
20 to 30 (center 25)
---
350
°C
E32-D611-S 2M
420
180
120
54
E32-D61-S 2M
400
°C
E32-D73-S 2M
280
120
80
36
Sensing method
Type
Sensing width
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
Area
11 mm
E32-T16PR 2M
3,100
1,700
1,120
440
E32-T16JR 2M
2,750
1,500
960
380
30 mm
E32-T16WR 2M
4,000 *
2,600
1,700
680
Reflective
Array
11 mm
E32-D36P1 2M
700
300
200
90
Sensing method
Tube diameter
Feature
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Tube-mounting
3.2, 6.4,
or 9.5 dia.
Stable residual
quantity detection
E32-A01 5M
Applicable tube: Transparent tube with a diameter of 3.2, 6.4, or 9.5 mm,
Recommended wall thickness: 1 mm
8 to 10 dia.
Mounting at
multiple levels
E32-L25T 2M
Applicable tube: Transparent tube with a diameter of 8 to 10 mm,
Recommended wall thickness: 1 mm
No restrictions
Large tubes
E32-D36T 5M
Applicable tube: Transparent tube (no restrictions on diameter)
Liquid contact (heat-resistant
up to 200
°C)
---
---
E32-D82F1 4M
Liquid-contact type
Sensing method
Heat-resistant temperature
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
120
°C
E32-T51V 1M
720
400
260
100
E32-T51V 1M+E39-F1V
2,000 *
2,000 *
1,360
520
200
°C
E32-T84SV 1M
1,760
950
640
260
Sensing method
Application
Operating
temperature
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Limited-reflective
Glass presence detection
70
°C
E32-L16-N 2M
0 to 15
0 to 12
Glass substrate alignment
E32-A08 2M
10 to 20
---
300
°C
E32-A08H2 3M
70
°C
E32-A12 2M
12 to 30
---
Glass substrate mapping
E32-A09 2M
15 to 38
---
300
°C
E32-A09H2 2M
20 to 30 (center 25)
---
Wet processes: Cleaning, Resist
developing and etching
60
°C
E32-L11FP 5M
8 to 20 mm from tip of lens (Recommended sensing distance: 11 mm),
19 to 31 mm from center of mounting hole A (Recommended sensing distance: 22 mm)
Wet process:
Resist stripping
85
°C
E32-L11FS 5M
8 to 20 mm from tip of lens (Recommended sensing distance: 11 mm),
32 to 44 mm from center of mounting hole A (Recommended sensing distance: 35 mm)
Through-beam
Wafer mapping
70
°C
E32-A03 2M
3,220
1,780
1,200
500
E32-A03-1 2M
E32-A04 2M
1,280
680
450
200
E32-T24SR 2M
4,000 *
2,200
1,460
580
E32-T24S 2M
4,000 *
2,600
1,740
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com