Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5EC/E5EC-B Datasheet(PDF) 93 Page - Omron Electronics LLC

Part # E5EC/E5EC-B
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EC/E5EC-B Datasheet(HTML) 93 Page - Omron Electronics LLC

Back Button E5EC/E5EC-B Datasheet HTML 89Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 90Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 91Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 92Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 93Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 94Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 95Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 96Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 97Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 138 page
background image
E5CC-T
93
Adapter
DIN Track Mounting Adapter
Fixture (Accessory)
69.6 to 77.6
87
67 × 67
72 × 72
76
4.7
72 × 72
48 × 48
Panel (1 to 8 mm)
Mounting Adapter
Y92F-30
(Accessory)
62.8
To back of the E5CC-T
2.2
4.7
Y92F-45
Mounted to E5CC-T
Note: 1. Use this Adapter when the Front Panel has already been prepared for the E5B
@.
2. Only black is available.
3. You cannot use the E58-CIFQ2 USB-Serial Conversion Cable if you use the Y92F-45 Adapter. To use the USB-Serial
Conversion Cable to make the settings, do so before you mount the Temperature Controller in the panel.
4. You cannot use this Adapter together with the Y92F-49 Adapter that is provided with the E5CC-T Temperature
Controller.
50
61
3.5
38
48
80.5
Mounted to E5CC-T
Note: This Adapter cannot be used together with the Terminal Cover.
Remove the Terminal Cover to use the Adapter.
Y92F-52
This Adapter is used to mount the
E5CC-T to a DIN Track.
If you use the Adapter, there is no
need for a plate to mount in the
panel or to drill mounting holes in
the panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com