Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5EC/E5EC-B Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E5EC/E5EC-B
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EC/E5EC-B Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E5EC/E5EC-B Datasheet HTML 31Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 32Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 33Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 34Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 35Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 36Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 37Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 38Page - Omron Electronics LLC E5EC/E5EC-B Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 138 page
background image
E5CC/E5CC-B/E5CC-U
35
Current Transformers
Waterproof Packing
Y92S-P8 (for DIN 48
× 48)
The Waterproof Packing is provided only with the E5CC/E5CC-B.
It is not included with the E5CC-U.
Order the Waterproof Packing separately if it becomes lost or damaged.
The Waterproof Packing can be used to achieve an IP66 degree of protection.
(Deterioration, shrinking, or hardening of the waterproof packing may occur depending on the
operating environment. Therefore, periodic replacement is recommended to ensure the level of
waterproofing specified in IP66. The time for periodic replacement depends on the operating
environment. Be sure to confirm this point at your site.
Consider three years as a rough standard.)
The E5CC-U cannot be waterproofed even if the Waterproof Packing is attached.
5.8 dia.
Two, 3.5 dia.
30
21
15
25
2.5
40
10.5
2.8
7.5
5
10
Filler
(epoxy)
Case
E54-CT1
Thru-current (Io) vs. Output Voltage (Eo)
(Reference Values)
E54-CT1 or E54-CT1L
Maximum continuous heater current: 50 A (50/60 Hz)
Number of windings:
400
±2
Winding resistance:
18
±2 Ω
Thru-current (Io) A (r.m.s.)
1
10
100mA
1
10
100 1,000A
100V Frequency: 50 Hz
Distortion
factor
10%
3%
1%
100Ω
RL=10Ω
∞
10
1
100mV
10
1
100μV
10
1kΩ
E54-CT1L
5.8 dia.
Filler (epoxy)
Case (PBT)
Shrinkable tube
Two, 3.5 dia.
Cable (AWG18)
25
2.5
115±5
8
21
10.5
40
30
5
15
10
Mark (yellow)
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com