Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5DC-RX2AUM-000 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E5DC-RX2AUM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2AUM-000 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E5DC-RX2AUM-000 Datasheet HTML 10Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 11Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 12Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 13Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 14Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 15Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 16Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 17Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 138 page
background image
E5GC
14
Accessories (Order Separately)
Current Transformers
(2110)
250
263
1510
USB connector
(type A plug)
Serial connector
LED (SD)
LED (PWR)
LED (RD)
USB-Serial Conversion Cable
E58-CIFQ2
Connecting to the E58-CIFQ2 USB-Serial Conversion Cable
Conversion Cable
(1510)
250
(2110)
E58-CIFQ2 (Order separately)
Conversion Cable
263
1510
Conversion Cable
E58-CIFQ2-E
Note: Always use this product together with the E58-CIFQ2.
5.8 dia.
Two, 3.5 dia.
30
21
15
25
2.5
40
10.5
2.8
7.5
5
10
Filler
(epoxy)
Case
E54-CT1
Thru-current (Io) vs. Output Voltage (Eo)
(Reference Values)
E54-CT1 or E54-CT1L
Maximum continuous heater current: 50 A (50/60 Hz)
Number of windings:
400
±2
Winding resistance:
18
±2 Ω
Thru-current (Io) A (r.m.s.)
1
10
100mA
1
10
100 1,000A
100V Frequency: 50 Hz
Distortion
factor
10%
3%
1%
100Ω
RL=10Ω
∞
10
1
100mV
10
1
100μV
10
1kΩ
E54-CT1L
5.8 dia.
Filler (epoxy)
Case (PBT)
Shrinkable tube
Two, 3.5 dia.
Cable (AWG18)
25
2.5
115±5
8
21
10.5
40
30
5
15
10
Mark (yellow)
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com