Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5DC-RX2AUM-000 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # E5DC-RX2AUM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2AUM-000 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button E5DC-RX2AUM-000 Datasheet HTML 14Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 15Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 16Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 17Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 18Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 19Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 20Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 21Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
18
Digital Temperature Controller
E5CC/E5CC-B/E5CC-U
(48
× 48 mm)
Large White PV Display That’s Easier to Read.
Easy to Use, from Model Selection to
Setup and Operation.
Models with Push-In Plus Terminal
Blocks Added to Lineup.
• The white PV display with a height of 15.2 mm improves visibility.
• High-speed sampling at 50 ms.
• Select from models with screw terminal blocks, models with
Push-In Plus terminal blocks for reduced wiring work, and
Plug-in Models that can be removed from the terminal block.
• Short body with depth of only 60 mm. (Screw Terminal Blocks)
• Easy connections to a PLC with programless communications.
Use component communications to link Temperature
Controllers to each other.
• Set up the Controller without wiring the power supply by connecting to the computer with a Communications
Conversion Cable (sold separately). Setup is easy with the CX-Thermo (sold separately).
Main I/O Functions
48
× 48 mm
Screw Terminal
Blocks
E5CC
Refer to Safety Precautions on 122.
Refer to your OMRON website for the most recent information on
applicable safety standards.
48
× 48 mm
Plug-in Models
E5CC-U
*
48
× 48 mm
Push-In Plus
Terminal Blocks
E5CC-B
* CSA conformance
evaluation by UL.
Sensor Input
Dual displays: PV/SV
4-digit displays
E5CC/E5CC-B/E5CC-U
Universal input
• Thermocouple
• Pt
• Analog current/voltage
Indication Accuracy
• Thermocouple input
<E5CC/E5CC-B> ±0.3%PV
<E5CC-U>±1%PV
• Pt input: ±0.2% of PV
• Analog input: ±0.2% of FS
Sampling Period
• 50 ms
Event Inputs
<E5CC>
• None
• 2
• 4
Remote SP Input
Control Output 1
• Relay output
• Voltage output
(for driving SSR)
• Linear current output
Control Output 2
Transfer Output
• PF (shift) Key
• Temperature status display
• Simple programming
• Independent heating and
cooling PID control
• Changed parameter display
• Display brightness setting
Auxiliary Outputs
Serial Communications
<E5CC-B>
• None
• 2
<E5CC-U>
• None
<E5CC>
• None
• 1
<E5CC-B/E5CC-U>
• None
<E5CC/E5CC-B>
• None
• RS-485
<E5CC-U>
• None
<E5CC>
• None
• Voltage output
(for driving SSR)
<E5CC-B/E5CC-U>
• None
<E5CC>
• 3
<E5CC-B>
• 2
<E5CC-U>
• None
• 1
• 2
<E5CC/E5CC-B>
• None
• 1
<E5CC-U>
• None
This datasheet is provided as a guideline for selecting products.
Be sure to refer to the following manuals for application precautions and other information required for operation before attempting
to use the product.
E5
@C Digital Temperature Controllers User’s Manual (Cat. No. H174)
E5
@C Digital Temperature Controllers Communications Manual (Cat. No. H175)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com