Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCM1885C2A8R9DA16 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

Part # GCM1885C2A8R9DA16
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GCM1885C2A8R9DA16 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

Back Button GCM1885C2A8R9DA16 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
■ Specifications and Test Methods
No
Item
Specification
Test Method(Compliant Standard:AEC-Q200)
25
Regarding high dielectric constant type capacitors, if it’s doubt about the judgment, perform a heat treatment at 150+0/-10℃ for 1hour and then let sit for 24+/-2hours at room temperature, then measure.
Temperature Step
Temperature
Characteristics of
Capacitance
No bias
Nominal values of the temperature coefficientis is
The capacitance change should be measured after 5 min at each specified temp. stage.
shown in Rated value. But, the Capacitance Change
Capacitance value as a reference is the value in "*" marked step.
under Reference Temperature is shown inTable A.
Capacitance Drift
The capacitance drift is calculated by dividing the differences between the maximum and minimum
Capacitance Drift: Within +/-0.2% or +/-0.05pF
measured values in the step 1,3 and 5 by the cap. value in step 3.
(Whichever is larger.)
Measurement Voltage
Less than 1.0Vrms (Refer to the individual data sheet)
GCM1885C2A8R9DA16-01A
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com