Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCM1885C2A8R9DA16 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd

Part # GCM1885C2A8R9DA16
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GCM1885C2A8R9DA16 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd

Back Button GCM1885C2A8R9DA16 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GCM1885C2A8R9DA16 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
4. Type of Applied Voltage and Self-heating Temperature
1. Confirm the operating conditions to make sure that no large current is flowing into the capacitor due to the continuous application of an AC voltage or pulse voltage.
 
When a DC rated voltage product is used in an AC voltage circuit or a pulse voltage circuit, the AC current or pulse
 
current will flow into the capacitor; therefore check the self-heating condition.
 
Please confirm the surface temperature of the capacitor so that the temperature remains within the upper limits
 
of the operating temperature, including the rise in temperature due to self-heating.
 
When the capacitor is used with a high-frequency voltage or pulse voltage, heat may be generated by dielectric loss.
< Applicable to Rated Voltage of less than 100VDC >
 
The load should be contained so that the self-heating of the capacitor body remains below 20°C, when measuring at an ambient temperature of 25°C.
5. DC Voltage and AC Voltage Characteristic
1. The capacitance value of a high dielectric constant type capacitor changes depending on the DC voltage applied.
  
Please consider the DC voltage characteristics when a capacitor is selected for use in a DC circuit.
 
1-1. The capacitance of ceramic capacitors may change sharply depending on the applied voltage. (See figure)
Please confirm the following in order to secure the capacitance.
(1) Determine whether the capacitance change caused by the applied voltage is within the allowed range.
(2) In the DC voltage characteristics, the rate of capacitance change becomes larger as voltage increases, even if the applied voltage is below the rated voltage.
   
When a high dielectric constant type capacitor is used in a circuit that requires a tight (narrow) capacitance tolerance (e.g., a time constant circuit),
   
please carefully consider the voltage characteristics, and confirm the various characteristics in the actual operating conditions of the system.
2. The capacitance values of high dielectric constant type capacitors changes depending on the AC voltage applied.
Please consider the AC voltage characteristics when selecting a capacitor to be used in a AC circuit.
GCM1885C2A8R9DA16-01A
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com