Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8349E Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8349E
Description  PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349E Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8349E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
MPC8349E PowerQUICC™ II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
49
Timers
14 Timers
This section describes the DC and AC electrical specifications for the timers.
14.1
Timer DC Electrical Characteristics
Table 43 provides the DC electrical characteristics for the MPC8349E timer pins, including TIN, TOUT,
TGATE, and RTC_CLK.
14.2
Timer AC Timing Specifications
Table 44 provides the timer input and output AC timing specifications.
Table 43. Timer DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
2.0
OVDD +0.3
V
Input low voltage
VIL
–0.3
0.8
V
Input current
IIN
±5
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Table 44. Timers Input AC Timing Specifications1
Characteristic
Symbol2
Min
Unit
Timers inputs—minimum pulse width
tTIWID
20
ns
Notes:
1. Input specifications are measured from the 50 percent level of the signal to the 50 percent level of the rising edge of CLKIN.
Timings are measured at the pin.
2. Timer inputs and outputs are asynchronous to any visible clock. Timer outputs should be synchronized before use by external
synchronous logic. Timer inputs are required to be valid for at least tTIWID ns to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com