Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

830S21AMILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 830S21AMILF
Description  1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

830S21AMILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 830S21AMILF Datasheet HTML 2Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 3Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 4Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 5Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 6Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 7Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 8Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 9Page - Renesas Technology Corp 830S21AMILF Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
© 2015-2024 Renesas Electronics Corporation
November 7, 2024
830S21I Datasheet
Parameter Measurement Information
3.3V Core/3.3V LVCMOS Output Load AC Test Circuit
Differential Input Level
Output Duty Cycle/Pulse Width/Period
2.5V Core/2.5V LVCMOS Output Load AC Test Circuit
Propagation Delay
Output Rise/Fall Time
SCOPE
Qx
GND
VDD
1.65V±5%
-1.65V±5%
VDD
GND
V
CMR
Cross Points
V
PP
CLK
nCLK
Q
SCOPE
Qx
GND
VDD
1.25V±5%
-1.25V±5%
t
PD
V
DD
2
Q
CLK
nCLK
20%
80%
80%
20%
tR
t F
Q



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com