Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57018-E Datasheet(PDF) 14 Page - STMicroelectronics

Part # PD57018-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018-E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PD57018-E Datasheet HTML 10Page - STMicroelectronics PD57018-E Datasheet HTML 11Page - STMicroelectronics PD57018-E Datasheet HTML 12Page - STMicroelectronics PD57018-E Datasheet HTML 13Page - STMicroelectronics PD57018-E Datasheet HTML 14Page - STMicroelectronics PD57018-E Datasheet HTML 15Page - STMicroelectronics PD57018-E Datasheet HTML 16Page - STMicroelectronics PD57018-E Datasheet HTML 17Page - STMicroelectronics PD57018-E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Test circuit
PD57018-E, PD57018S-E
14/28
Table 7.
Test circuit component part list
Component
Description
C1,C4, C9
0.8 - 8.0pF GIGA TRIM VARIABLE CAPACITOR
C2
2.7pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C3, C10, C11, C15
47pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C5, C6, C7, C8
7.5pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C12
1000pF ATC 700B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C13, C17
0.1
µF / 500 V SURFACE MOUNT CERAMIC CHIP CAPACITOR
C14
10
µF / 50 V ALUMINUM ELECTROLYTIC RADIAL LEAD CAPACITOR
C16
100pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C18
220
µF / 63 V ALUMINUM ELECTROLYTIC RADIAL LEAD CAPACITOR
C19 (1)
1.
Only for PD57018
4.3pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C19 (2)
2.
Only for PD57018S
2.7pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
R1
430
Ω, 1/8 W SURFACE MOUNT CHIP RESISTOR
R2
1K
Ω, 1/8 W SURFACE MOUNT CHIP RESISTOR
FB1, FB2,FB3
SHIELD BEAD SURFACE MOUNT EMI
L1, L2
INDUCTOR, 5 TURNS AIR WOUND #22AWG, ID=0.059[1.49], NYLON
COATED MAGNET WIRE
BOARD
ROGER ULTRA LAM 2000 THK 0.030”
ε
r = 2.55 2oz ED Cu BOTH
SIDES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com