Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57018-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # PD57018-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PD57018-E Datasheet HTML 12Page - STMicroelectronics PD57018-E Datasheet HTML 13Page - STMicroelectronics PD57018-E Datasheet HTML 14Page - STMicroelectronics PD57018-E Datasheet HTML 15Page - STMicroelectronics PD57018-E Datasheet HTML 16Page - STMicroelectronics PD57018-E Datasheet HTML 17Page - STMicroelectronics PD57018-E Datasheet HTML 18Page - STMicroelectronics PD57018-E Datasheet HTML 19Page - STMicroelectronics PD57018-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Common source s-parameter
PD57018-E, PD57018S-E
16/28
7
Common source s-parameter
7.1
PD57018S (VDS = 28V IDS = 0.4A)
Table 8.
S-parameter
Freq (MHz)
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12ÐF
IS22IS22ÐF
50
0.868
-109
36.63
115
0.020
26
0.551
-96
100
0.834
-140
19.69
93
0.022
5
0.523
-123
150
0.835
-151
13.11
81
0.022
-6
0.548
-133
200
0.845
-158
9.59
71
0.021
-15
0.589
-138
250
0.856
-162
7.41
63
0.020
-21
0.631
-142
300
0.868
-164
5.90
57
0.018
-26
0.672
-145
350
0.881
-167
4.82
51
0.017
-30
0.712
-148
400
0.892
-168
4.02
45
0.016
-35
0.744
-150
450
0.902
-170
3.40
40
0.014
-38
0.775
153
500
0.910
-172
2.90
36
0.013
-39
0.799
-155
550
0.917
-173
2.51
32
0.011
-40
0.822
-157
600
0.925
-174
2.20
28
0.010
-45
0.841
-159
650
0.930
-176
1.93
25
0.009
-44
0.857
-160
700
0.935
-177
1.72
21
0.008
-46
0.870
-162
750
0.938
-178
1.54
18
0.007
-43
0.883
-164
800
0.941
-179
1.38
15
0.006
-38
0.892
-165
850
0.944
-180
1.25
13
0.005
-35
0.901
-166
900
0.945
179
1.15
10
0.004
-40
0.906
-168
950
0.946
178
1.04
8
0.003
-25
0.915
-169
1000
0.949
177
0.96
6
0.003
-1
0.919
-170
1050
0.949
177
0.88
4
0.002
6
0.925
-171
1100
0.951
176
0.82
2
0.003
8
0.927
-172
1150
0.951
175
0.77
0
0.003
34
0.932
-173
1200
0.951
174
0.72
-2
0.004
52
0.937
-173
1250
0.949
174
0.67
-4
0.004
59
0.939
-174
1300
0.948
172
0.64
-6
0.004
56
0.942
-176
1350
0.950
172
0.60
-9
0.005
66
0.941
-176
1400
0.949
171
0.57
-11
0.007
71
0.942
-177
1450
0.948
170
0.53
-13
0.006
73
0.944
-178
1500
0.945
170
0.50
-15
0.006
93
0.942
-179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com