Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XAP536 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # XAP536
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAP536 Datasheet(HTML) 1 Page - Renesas Technology Corp

  XAP536 Datasheet HTML 1Page - Renesas Technology Corp XAP536 Datasheet HTML 2Page - Renesas Technology Corp XAP536 Datasheet HTML 3Page - Renesas Technology Corp XAP536 Datasheet HTML 4Page - Renesas Technology Corp XAP536 Datasheet HTML 5Page - Renesas Technology Corp XAP536 Datasheet HTML 6Page - Renesas Technology Corp XAP536 Datasheet HTML 7Page - Renesas Technology Corp XAP536 Datasheet HTML 8Page - Renesas Technology Corp XAP536 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
©2018-2023 Renesas Electronics Corporation
August 20, 2023
Description
The Renesas XA devices are ultra-precision crystal oscillators
with 750 to 890fs typical phase jitter over 12kHz to 20MHz
bandwidth. Available in a wide frequency range from 0.750MHz to
1350MHz, the XA series crystal oscillators utilize a family of
proprietary ASICs, with a key focus on noise reduction
technologies.
The 3rd order Delta Sigma Modulator reduces noise to the levels
that are comparable to traditional Bulk Quartz and SAW
oscillators. With short lead-time, low cost, low noise, wide
frequency range, excellent ambient performance, the XA devices
are an excellent choice over the conventional technologies. The
XA devices have stabilities as tight as ±25ppm with extremely
quick delivery for both standard and custom frequencies.
Pin Assignments
NOTE: To minimize power supply line noise, a 0.01μF bypass
capacitor should be placed between VDD (Pin 6) and GND (Pin 3).
Table 1. Pin Description
[a] Pulled high internally.
[b] Low = output disabled.
[c] Do not connect for LVCMOS. For XLVCMOS both OUT and OUT2
are ON and in opposite phase.
See Ordering Information for more details.
Features
▪ Conforms to AEC-Q200
▪ Frequency range: 0.750MHz to 1350MHz
▪ Output types: LVDS, LVPECL, LVCMOS
▪ Frequency stability: ±25, ±50, or ±100 ppm
▪ Supply voltage: 2.5V or 3.3V
▪ Phase jitter (12kHz to 20MHz): 750fs to 890fs typical
▪ Package options:
• 3.2 × 2.5 × 1.0 mm
• 5.0 × 3.2 × 1.2 mm
▪ Operating temperature: -40°C to +85°C (Grade 3)
• Frequency stability options: ±25, ±50, or ±100 ppm
▪ Operating temperature: -40°C to +105°C (Grade 2)
• Frequency stability options: ±50 or ±100 ppm
Pin # Pin Name
Description
1
E/D
Enable/Disable [a][b]
2
NC
No connect
3
GND
Connect to ground
4
OUT
Output
5
OUT2
Complementary output [c]
6
VDD
Supply voltage
12
3
4
5
6
XA
Datasheet
XA Family of Low Phase Noise
Quartz-based PLL Oscillators


Similar Part No. - XAP536

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XAP536125I IDT-XAP536125I Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XAP536125K IDT-XAP536125K Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
More results

Similar Description - XAP536

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
Patented PLL with low phase noise
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
Automotive XA Product Family
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
logo
Crystek Corporation
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
Ultra-Low Phase Noise Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com