Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XAP536 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # XAP536
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAP536 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button XAP536 Datasheet HTML 6Page - Renesas Technology Corp XAP536 Datasheet HTML 7Page - Renesas Technology Corp XAP536 Datasheet HTML 8Page - Renesas Technology Corp XAP536 Datasheet HTML 9Page - Renesas Technology Corp XAP536 Datasheet HTML 10Page - Renesas Technology Corp XAP536 Datasheet HTML 11Page - Renesas Technology Corp XAP536 Datasheet HTML 12Page - Renesas Technology Corp XAP536 Datasheet HTML 13Page - Renesas Technology Corp XAP536 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
©2023 Renesas Electronics Corporation
August 20, 2023
XA Datasheet
Output Waveforms – LVDS
Output Waveforms – LVPECL
Oscillator Symmetry
Output Levels/Rise Time/Fall Time Measurements
OUTPUT 2
OUTPUT 1
OUTPUT 2
OUTPUT 1
50% VPP
VOH
VOL
VOD
½ Period
Period
TR
TF
20% to 80% VPP
Ideally, Symmetry should be 50/50 for ½ period –Other expressions are 45/55 or 55/45
50% VPP
VOS
Oscillator Symmetry
Rise Time/Fall Time Measurements
OUTPUT 2
OUTPUT 1
OUTPUT 2
OUTPUT 1
50% VPP
VOH
VOL
VOH
VOL
½ Period
Period
TR
TF
20% to 80% VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com