| Electronic Components Datasheet Search |
|
PIC24FJ64GA006 Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA006 Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 10 page ![]() PIC24FJ128GA010 DS80330A-page 4 © 2007 Microchip Technology Inc. 16. Module: SPI In SPI Slave mode (MSTEN = 0), with the slave select option enabled (SSEN = 1), the peripheral may accept transfers regardless of the SSx pin state. The received data in SSPxBUF will be accurate but not intended for the device. Work around If the Slave select option is required (e.g., device one of multiple SPI slave nodes on an SPI network), two potential work arounds exist: 1. Configure the port associated with SSx to an input and periodically read the PORT register. If the pin is read ‘0’, disable the SPI peripheral (SPIEN = 0). Enable the peripheral (SPIEN = 1) if the pin is read as a logic ‘1’. 2. Read the pin associated with SSx after a trans- fer is complete, indicated by the SPIxF bit being set. If the port pin is read as a digital ‘1’, read SSPxBUF and discard the contents. Date Codes that pertain to this issue: All engineering and production devices. 17. Module: Oscillator The Two-Speed Start-up feature may not be available on exit from Sleep mode with the IESO (Internal/External Switchover mode) enabled. Upon wake-up, the device will wait for the clock source used prior to entering Sleep mode to become ready. Work around None. Date Codes that pertain to this issue: All engineering and production devices. 18. Module: Core The CLKDIV register Reset value is incorrect. The register will reset with unimplemented bits equal to ‘1’ for all Resets. Work around Mask out unimplemented bits to maintain software compatibility with future device revisions. Date Codes that pertain to this issue: All engineering and production devices. 19. Module: Core If a clock failure occurs when the device is in Idle mode, the oscillator failure trap does not vector to the Trap Service Routine. Instead, the device will simply wake-up from Idle mode and continue code execution if the Fail-Safe Clock Monitor (FSCM) is enabled. Work around Whenever the device wakes up from Idle (assum- ing the FSCM is enabled), the user software should check the status of the OSCFAIL bit (INTCON1<1>) to determine whether a clock fail- ure occurred and then perform an appropriate clock switch operation. Date Codes that pertain to this issue: All engineering and production devices. 20. Module: Core On a Brown-out Reset, both the BOR and POR bits may be set. This may cause the Brown-out Reset condition to be indistinguishable from the Power-on Reset. Work around None. Date Codes that pertain to this issue: All engineering and production devices. 21. Module: Ports RC15 may output a digital ‘0’ after a Reset until the Configuration Word settings are processed. The duration of time for this effect is TRST which is nominally 20 µs. After the Configuration Word is processed, RC15 is put into its reset state as a digital input. Work around Connect components not adversely affected by a digital 0 signal to RC15. Date Codes that pertain to this issue: All engineering and production devices. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |