Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7564B Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7564B
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7564B Datasheet HTML 2Page - STMicroelectronics TDA7564B Datasheet HTML 3Page - STMicroelectronics TDA7564B Datasheet HTML 4Page - STMicroelectronics TDA7564B Datasheet HTML 5Page - STMicroelectronics TDA7564B Datasheet HTML 6Page - STMicroelectronics TDA7564B Datasheet HTML 7Page - STMicroelectronics TDA7564B Datasheet HTML 8Page - STMicroelectronics TDA7564B Datasheet HTML 9Page - STMicroelectronics TDA7564B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Block diagrams and application circuit
TDA7564B
6/34
1
Block diagrams and application circuit
Figure 1.
Block diagram
Figure 2.
Application circuit
I2CBUS
THERMAL
PROTECTION
& DUMP
REFERENCE
CD_OUT
DATA
CLK
OUT RF+
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
CLIP
DETECTOR
MUTE1
MUTE2
12/26dB
VCC2
VCC1
12/26dB
12/26dB
12/26dB
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
OUT RF-
OUT RR+
OUT RR-
OUT LF+
OUT LF-
OUT LR+
OUT LR-
AC_GND
RF
RR
LF
PW_GND
LR
IN LR
S_GND
TAB
SVR
IN LF
IN RR
IN RF
D00AU1211
IN RF
C1 0.22
μF
IN RR
C2 0.22
μF
OUT RF
OUT RR
IN LF
C3 0.22
μF
IN LR
C4 0.22
μF
OUT LF
OUT LR
D00AU1212
C5
1
μF
C6
10
μF
TAB
47K
-
+
-
+
-
+
-
+
Vcc1
Vcc2
C8
0.1
μF
C7
3300
μF
DATA
I2C BUS
CLK
12
11
14
15
22
25
13
S-GND
16
10
4
CD OUT
V
620
17
18
19
21
24
23
9
8
7
5
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com