Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7564B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7564B
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7564B Datasheet HTML 1Page - STMicroelectronics TDA7564B Datasheet HTML 2Page - STMicroelectronics TDA7564B Datasheet HTML 3Page - STMicroelectronics TDA7564B Datasheet HTML 4Page - STMicroelectronics TDA7564B Datasheet HTML 5Page - STMicroelectronics TDA7564B Datasheet HTML 6Page - STMicroelectronics TDA7564B Datasheet HTML 7Page - STMicroelectronics TDA7564B Datasheet HTML 8Page - STMicroelectronics TDA7564B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
January 2008
Rev 2
1/34
1
TDA7564B
4 x 50W multifunction quad power amplifier
with built-in diagnostics features
Features
■ Multipower BCD technology
■ MOSFET output power stage
■ DMOS power output
■ New Hi-efficiency (class SB)
■ High output power capability 4x28W/4Ω @
14.4V, 1KHz, 10% THD, 4x50W max, power
■ Max. output power 4x72W/2Ω
■ Full I2C bus driving:
–St-by
– Independent front/rear soft play/mute
– Selectable gain (for low noise line output
function)
– High efficiency enable/disable
–I2C bus digital diagnostics (including AC
and DC load detection)
■ Full fault protection
■ DC offset detection
■ Four independent short circuit protection
■ Clipping detector (2%/10%)
■ Linear thermal shutdown with multiple thermal
warning
■ ESD protection
Description
The TDA7564B is a new BCD technology QUAD
BRIDGE type of car radio amplifier in
Flexiwatt25/PowerSO36 package specially
intended for car radio applications.
Thanks to the DMOS output stage the TDA7564B
has a very low distortion allowing a clear powerful
sound. Among the features, its superior efficiency
performance coming from the internal exclusive
structure, makes it the most suitable device to
simplify the thermal management in high power
sets.
The dissipated output power under average
listening condition is in fact reduced up to 50%
when compared to the level provided by
conventional class AB solutions. This device is
equipped with a full diagnostics array that
communicates the status of each speaker through
the I2C bus.
Flexiwatt25
(Vertical)
Flexiwatt25
(Horizontal)
PowerSO36
Table 1.
Device summary
Order code
Package
Packing
TDA7564B
Flexiwatt25 (vertical)
Tube
TDA7564BH
Flexiwatt25 (horizontal)
Tube
TDA7564BPD
PowerSO36
Tube
TDA7564BPDTR
PowerSO36
Tape and reel
www.st.com


Similar Part No. - TDA7564B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
400Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
17-Sep-2013
TDA7564BH STMICROELECTRONICS-TDA7564BH Datasheet
400Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
17-Sep-2013
TDA7564BPD STMICROELECTRONICS-TDA7564BPD Datasheet
400Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
17-Sep-2013
TDA7564BPDTR STMICROELECTRONICS-TDA7564BPDTR Datasheet
400Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
17-Sep-2013
TDA7564B STMICROELECTRONICS-TDA7564B_V01 Datasheet
400Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
17-Sep-2013
More results

Similar Description - TDA7564B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7563B STMICROELECTRONICS-TDA7563B Datasheet
508Kb / 33P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
19-Dec-2007
TDA7563A STMICROELECTRONICS-TDA7563A Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com