Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV2 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV2
Description  OLED Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV2 Datasheet(HTML) 3 Page - Midas Components

  MPBV2 Datasheet HTML 1Page - Midas Components MPBV2 Datasheet HTML 2Page - Midas Components MPBV2 Datasheet HTML 3Page - Midas Components MPBV2 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCOT128064E1V-BM
128 x 64
OLED Module
Specification
Version:
2
Date:
07/06/2017
Revision
Blue
Pin layout
Pin
Symbol
Description
Remarks
1
NC
No Connection.
2
VCC
Power supply driving voltage.
3
VCOMH
COM signal deselected voltage level. Connect capacitor
between here and VSS.
4
IREF
Segment output current reference pin. Supplied externally.
5-12
D0~D7
Bi-directional data bus connecting to the MCU data bus.
Unused pins to tie Low.
SPI Mode = D0 is Serial Clock input (SCLK) D1 will be Serial
Data input (SDIN), D2 to be kept NC.
I2C Mode = D2, D1 tied together serving as SDAout.
SDAin in application and D0 is the Serial Clock input (SCL).
13
E/RD#
MCU interface input.
6800 selected = Pin used as Enable (E) Signal. Read/write
initiated when pin pulled High and chip selected.
8080 selected = Pin receives Read (RD#) Signal. Read
initiated when pin pulled Low and chip selected.
I2C / SPI selected = Connect to VSS.
14
R/W#
Read / Write control input connecting to MCU interface.
6800 Mode = Pin used as Read/write (R/W#) selection input.
Read mode when pin is pulled High; Write mode when pulled
Low.
8080 Mode = Pin used as Write (WR#) input. Data Write
initiated when pin pulled Low and chip selected.
I2C / SPI selected = Connect to VSS.
15
D/C#
Data / Command control pin connecting to MCU.
Pulled High= D(7:0) interpreted as data.
Pulled Low = D(7:0) transferred to a command register.
I2C Mode = Pin acts as SA0 for slave address selection.
3-Wire SPI Mode = Connect to VSS
16
RES#
Reset Signal Input. Initialisation executed when pulled Low.
Keep pulled High during normal operation.
17
CS#
Chip Select Input connecting to the MCU. Chip is enabled
when CS# is pulled Low.
18
NC
No Connection.
19
BS2
MCU bus interface pins. Select appropriate logic settings:
I2C: BS1= 1 BS2= 0
4-Wire SPI: BS1= 0 BS2= 0
6800 Parallel: BS1= 0 BS2= 1
8800 Parallel: BS1= 1 BS2= 1
20
BS1
21
VDD
Power Supply pin for core logic operation.
22~2
9
NC
No Connection
30
VSS
Ground
3
1
NC
No Connection.
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com