Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV2 Datasheet(PDF) 1 Page - Midas Components

Part # MPBV2
Description  OLED Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV2 Datasheet(HTML) 1 Page - Midas Components

  MPBV2 Datasheet HTML 1Page - Midas Components MPBV2 Datasheet HTML 2Page - Midas Components MPBV2 Datasheet HTML 3Page - Midas Components MPBV2 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCOT128064E1V-BM
128 x 64
OLED Module
Specification
Version:
2
Date:
07/06/2017
Revision
Blue
Display Accessories
Part Number
Description
Optional Variants
Appearance
Voltage
Display Features
Resolution
128 x 64
Appearance
Blue on Black
Logic Voltage
3V
Interface
Parallel / SPI / I2C
Module Size
60.50 x 37.00 x 2.15 mm
Operating Temperature
-40°C ~ +70°C
Box Quantity
Weight / Display
Construction
TAB
---
---
Yellow on Black
Green on Black
White on Black
MPBV2
Direct solder-to-2mm pitch DIL
pinout interface board. Compatible
with any display with up to 51-way
FFC 0.3~0.5mm pitch.
UC32 Breakout Board with SD card
and LED back light driver. Used in
conjunction with MPBV6.
MCIB12
19/04/2015
22/09/2016
1
2
First Release.
Modify Reliability Test Condition.
Page 1 of 4
Telephone +44 (0)1493 602602
Email:sales@midasdisplays.com
Email:tech@midasdisplays.com
www.midasdisplays.com
Sauls Wharf House
Sauls Wharf House
Crittens Road
Crittens Road
Great Yarmouth
Great Yarmouth
Norfolk
Norfolk
NR31 0AG
NR31 0AG
* - For full design functionality, please use this
specification in conjunction with the SSD1309Z
specification. (Provided Separately)


Similar Part No. - MPBV2

ManufacturerPart #DatasheetDescription
logo
Midas Components
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1,018Kb / 4P
LCD Module
Version: 1 31/10/2016
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
857Kb / 4P
LCD Module
Version:1 31/10/2016
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 20P
N/A LCD Module
Version: 3 13/04/2018
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 16P
LCD Module
Version: 1 03/01/2020
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 16P
LCD Module
Version: 1 03/09/2020
More results

Similar Description - MPBV2

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMB3 NEWHAVEN-NHD-2.8-25664UMB3 Datasheet
408Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
NHD-0216KZW-AG5 NEWHAVEN-NHD-0216KZW-AG5_14 Datasheet
2Mb / 22P
OLED Display Module
logo
Crystalfontz America, I...
CFAL1602L0-Y CRYSTAIFONTZ-CFAL1602L0-Y Datasheet
361Kb / 10P
OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com