Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV6
Description  OLED Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 3 Page - Midas Components

  MPBV6 Datasheet HTML 1Page - Midas Components MPBV6 Datasheet HTML 2Page - Midas Components MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCOT128064H1V-BM
128 x 64
OLED Module
Specification
Version:
3
Date:
07/06/2017
Revision
Blue
Pin layout
Pin
Symbol
Description
Remarks
1
NC(Ground)
No Connection (ground).
2
VSS
Ground Pin. Connect to external ground.
3~10
NC
No Connection.
11
VDD
Power Supply Pin for core logic operation.
12
BS1
MCU bus interface selection pins. Select appropriate logic settings:
Note:
“0” is connected to VSS and “1” is connected to VDD.
I2C = BS1: 1 BS2: 0
4-Wire SPI = BS1: 0 BS2: 0
8-bit 6800 Parallel = BS1:0 BS2:1
8-bit 8080 Parallel = BS1: 1 BS2: 1
13
BS2
14
NC
No Connection.
15
CS#
Chip Select Input, connecting to MCU.
Chip is enabled for MCU communication when CS# is pulled Low.
16
RES#
Reset Signal Input.
Initialisation for chip is executed when pulled Low. Keep pulled High during
normal operation.
17
D/C#
Data / Command control pin connecting to the MCU.
Pin pulled High= Data at D(7:0) will be interpreted as data.
Pin pulled Low= Data at D(7:0) will be transferred to a command register.
I2C Mode= Pin acts as SA0 for slave address selection.
3-wire SPI Serial= This pin must be connected to VSS.
18
R/W#
Read / Write control input pin connecting to the MCU interface.
6800 Mode= This pin will be used as Read/Write (R/W#). Read will be
carried out when pin pulled High and Write mode when pulled Low.
8080 Mode= This pin will be the Write (WR#) input. Data Write initiated
when on pulled Low and chip selected.
I2C or SPI= Must connect to VSS.
19
E/RD#
MCU Interface Input.
6800 Mode= Pin will be used as E (E) signal. Read/Write operation initiated
when pin is pulled High and chip selected.
8080 Mode= Pin receives Read (RD#) signal. Read operation initiated
when pin pulled Low and chip selected.
I2C or SPI= Must connect to VSS.
20~27
D0~D7
Bi-directional data bus connecting to MCU data bus. Unused pints to tie
Low.
SPI Mode= D0 will be Serial Clock input (SCLK), D1 will be Serial Data
input (DIN) and D2 to be kept NC.
I2C Mode= D2 and D1 tied to be tied together and serve as SDAout ,
SDAin application and D0 is Serial Clock input (SCL).
28
IREF
Segment Output Current Reference pin.
IREF supplied externally.
A Resistor to be connected between this pin and VSS to maintain 10µA
current.
29
VCOMH
COM Signal deselected voltage Level.
Capacitor connected between this pin and VSS.
30
VCC
Power Supply for Panel Driving Voltage.
31
NC(Ground)
No Connection (ground).
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com