Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 4 Page - Midas Components

Part # MPBV6
Description  OLED Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 4 Page - Midas Components

  MPBV6 Datasheet HTML 1Page - Midas Components MPBV6 Datasheet HTML 2Page - Midas Components MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OLED Life Time
Item
Conditions
Typical
Remark
Operating Life Time
Ta=25°C. Initial checkboard
brightness
, 50%.
50,000 Hours
---
MCOT128064H1V-BM
128 x 64
OLED Module
Specification
Version:
3
Date:
07/06/2017
Revision
Blue
OLED Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Viewing Angle
(V)θ
---
160
---
---
Deg
(H)φ
---
160
---
---
Deg
Contrast Ratio
CR
Dark
2000:1
---
---
---
Response Time
T Rise
---
---
10
---
µs
T Fall
---
---
10
---
µs
Display with 50% Checkboard Brightness
60
80
---
cd/m2
Absolute Maximums Ratings
Item
Symbol
Minimum
Typical
Maximum
Unit
Supply Voltage for
Logic
VDD
-0.30
---
4.00
V
Supply Voltage for
Display
VCC
0.00
---
15.00
V
Operating Temperature
TOP
-40
---
80
°C
Storage Temperature
TSTG
-40
---
80
°C
Electronic Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Input High Voltage
VIH
---
0.
80xVDD
---
VDD
V
Input Low Voltage
VIL
---
GND
---
0.
20xVDD
V
Output High Voltage
VOH
---
0.
90xVDD
---
VDD
V
Output Low Voltage
VOL
---
GND
---
0.
10xVDD
V
Supply Voltage for Logic
VDD
---
2.80
3.00
3.30
V
Supply Voltage for Display
VCC
---
1
2.00
1
3.00
15.00
V
50% Checkboard
Operating Current.
IDD
VDD=
13V
20
24
26
mA
CIEx(
Blue)
(CIE1931)
0.
12
0.
16
0.
20
---
CIEy(
Blue)
(CIE1931)
0.
22
0.
26
0.
30
---
---
---
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com