Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 14 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 14 Page - Midas Components

Back Button MPBV7 Datasheet HTML 10Page - Midas Components MPBV7 Datasheet HTML 11Page - Midas Components MPBV7 Datasheet HTML 12Page - Midas Components MPBV7 Datasheet HTML 13Page - Midas Components MPBV7 Datasheet HTML 14Page - Midas Components MPBV7 Datasheet HTML 15Page - Midas Components MPBV7 Datasheet HTML 16Page - Midas Components MPBV7 Datasheet HTML 17Page - Midas Components MPBV7 Datasheet HTML 18Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
NO
Item
Criterion
AQL
07
Cracked
glass
The OLED with extensive crack is not acceptable.
2.5
08
Backlight
elements
8.1 Illumination source flickers when lit.
8.2 Spots or scratched that appear when lit must be judged.
Using OLED spot, lines and contamination standards.
8.3 Backlight doesn’t light or color wrong.
0.65
2.5
0.65
09
Bezel
9.1 Bezel may not have rust, be deformed or have
fingerprints, stains or other contamination.
9.2 Bezel must comply with job specifications.
2.5
0.65
10
PCB、COB
10.1 COB seal may not have pinholes larger than 0.2mm or
contamination.
10.2 COB seal surface may not have pinholes through to the
IC.
10.3 The height of the COB should not exceed the height
indicated in the assembly diagram.
10.4 There may not be more than 2mm of sealant outside the
seal area on the PCB. And there should be no more than
three places.
10.5 No oxidation or contamination PCB terminals.
10.6 Parts on PCB must be the same as on the production
characteristic chart. There should be no wrong parts,
missing parts or excess parts.
10.7 The jumper on the PCB should conform to the product
characteristic chart.
10.8 If solder gets on bezel tab pads, OLED pad, zebra pad
or screw hold pad, make sure it is smoothed down.
2.5
2.5
0.65
2.5
2.5
0.65
0.65
2.5
11
Soldering
11.1 No un-melted solder paste may be present on the PCB.
11.2 No cold solder joints, missing solder connections,
oxidation or icicle.
11.3 No residue or solder balls on PCB.
11.4 No short circuits in components on PCB.
2.5
2.5
2.5
0.65
Page 14 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com